Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 38Page - Analog Devices ADV7321 Datasheet HTML 39Page - Analog Devices ADV7321 Datasheet HTML 40Page - Analog Devices ADV7321 Datasheet HTML 41Page - Analog Devices ADV7321 Datasheet HTML 42Page - Analog Devices ADV7321 Datasheet HTML 43Page - Analog Devices ADV7321 Datasheet HTML 44Page - Analog Devices ADV7321 Datasheet HTML 45Page - Analog Devices ADV7321 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 42 of 88
HD ASYNC TIMING MODE
[Subaddress 0x10, Bits 3 and 2]
For any input data that does not conform to the standards
selectable in input mode, Subaddress 0x10, asynchronous
timing mode can be used to interface to the ADV7320/ADV7321.
Timing control signals for HSYNC, VSYNC, and BLANK must
be programmed by the user. Macrovision and programmable
oversampling rates are not available in async timing mode.
In async mode, the PLL must be turned off [Subaddress 0x00,
Bit 1 = 1]. Register 0x10 should be programmed to 0x01.
Figure 58 and Figure 59 show examples of how to program the
ADV7320/ADV7321 to accept a high definition standard other
than SMPTE 293M, SMPTE 274M, SMPTE 296M, or ITU-R
BT.1358.
Table 26 must be followed when programming the control signals
in async timing mode. For standards that do not require a trisync
level, P_BLANK must be tied low at all times.
Table 26. Async Timing Mode Truth Table
P_HSYNC
P_VSYNC
P_BLANK1
Reference
Reference in Figure 58 and Figure 59
1
→ 0
0
0 or 1
50% point of falling edge of trilevel horizontal sync signal
a
0
0
→ 1
0 or 1
25% point of rising edge of trilevel horizontal sync signal
b
0
→ 1
0 or 1
0
50% point of falling edge of trilevel horizontal sync signal
c
1
0 or 1
0
→ 1
50% start of active video
d
1
0 or 1
1
→ 0
50% end of active video
e
1 When async timing mode is enabled, P_BLANK, Pin 25, becomes an active high input. P_BLANK is set to active low at Address 0x10, Bit 6.
CLK
ACTIVE VIDEO
PROGRAMMABLE
INPUT TIMING
ANALOG
OUTPUT
81
66
66
243
1920
HORIZONTAL SYNC
e
d
c
b
a
SET ADDRESS 0x14,
BIT 3 = 1
P_HSYNC
P_VSYNC
P_BLANK
Figure 58. Async Timing Mode—Programming Input Control Signals for SMPTE 295M Compatibility
ACTIVE VIDEO
0
1
HORIZONTAL SYNC
e
d
c
b
a
CLK
SET ADDRESS 0x14
BIT 3 = 1
ANALOG OUTPUT
P_VSYNC
P_BLANK
P_HSYNC
Figure 59. Async Timing Mode—Programming Input Control Signals for Bilevel Sync Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com