Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 48 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 44Page - Analog Devices ADV7321 Datasheet HTML 45Page - Analog Devices ADV7321 Datasheet HTML 46Page - Analog Devices ADV7321 Datasheet HTML 47Page - Analog Devices ADV7321 Datasheet HTML 48Page - Analog Devices ADV7321 Datasheet HTML 49Page - Analog Devices ADV7321 Datasheet HTML 50Page - Analog Devices ADV7321 Datasheet HTML 51Page - Analog Devices ADV7321 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 48 of 88
FILTERS
Table 27 shows an overview of the programmable filters
available on the ADV7320/ADV7321.
Table 27. Selectable Filters
Filter
Subaddress
SD Luma LPF NTSC
0x40
SD Luma LPF PAL
0x40
SD Luma Notch NTSC
0x40
SD Luma Notch PAL
0x40
SD Luma SSAF
0x40
SD Luma CIF
0x40
SD Luma QCIF
0x40
SD Chroma 0.65 MHz
0x40
SD Chroma 1.0 MHz
0x40
SD Chroma 1.3 MHz
0x40
SD Chroma 2.0 MHz
0x40
SD Chroma 3.0 MHz
0x40
SD Chroma CIF
0x40
SD Chroma QCIF
0x40
SD UV SSAF
0x42
HD Chroma Input
0x13
HD Sinc Filter
0x13
HD Chroma SSAF
0x13
SD Internal Filter Response
[Subaddress 0x40 [7:2]; Subaddress 0x42, Bit 0]
The Y filter supports several different frequency responses,
including two low-pass responses, two notch responses, an
extended (SSAF) response with or without gain boost
attenuation, a CIF response, and a QCIF response. The UV
filter supports several different frequency responses, including
six low-pass responses, a CIF response, and a QCIF response, as
shown in Figure 35 and Figure 36.
If SD SSAF gain is enabled, there are 12 response options in the
range −4 dB to +4 dB [Subaddress 0x47, Bit 4]. Choose the
desired response by programming the correct value via the I2C
[Subaddress 0x62]. The variation of frequency responses are
shown in Figure 32 and Figure 33.
In addition to the chroma filters listed in Table 27, the
ADV7320/ADV7321 contains an SSAF filter specifically
designed for the color difference component outputs, U and V.
This filter has a cutoff frequency of about 2.7 MHz and a gain of
–40 dB at 3.8 MHz, as shown in Figure 66. This filter can be
controlled with Address 0x42, Bit 0.
FREQUENCY (MHz)
0
–10
–30
–50
–60
–20
–40
6
5
4
3
2
1
0
EXTENDED UV FILTER MODE
Figure 66. UV SSAF Filter
If this filter is disabled, one of the chroma filters shown in
Table 28 can be selected and used for the CVBS or luma/
chroma signal.
Table 28. Internal Filter Specifications
Filter
Pass-Band
Ripple1 (dB)
3 dB Bandwidth2
(MHz)
Luma LPF NTSC
0.16
4.24
Luma LPF PAL
0.1
4.81
Luma Notch NTSC
0.09
2.3/4.9/6.6
Luma Notch PAL
0.1
3.1/5.6/6.4
Luma SSAF
0.04
6.45
Luma CIF
0.127
3.02
Luma QCIF
Monotonic
1.5
Chroma 0.65 MHz
Monotonic
0.65
Chroma 1.0 MHz
Monotonic
1
Chroma 1.3 MHz
0.09
1.395
Chroma 2.0 MHz
0.048
2.2
Chroma 3.0 MHz
Monotonic
3.2
Chroma CIF
Monotonic
0.65
Chroma QCIF
Monotonic
0.5
1 Pass-band ripple is the maximum fluctuation from the 0 dB response in the
pass band, measured in dB. The pass band is defined to have 0 Hz to fc (Hz)
frequency limits for a low-pass filter, and 0 Hz to f1 (Hz) and f2 (Hz) to infinity
for a notch filter, where fc, f1, and f2 are the −3 dB points.
2 3 dB bandwidth refers to the −3 dB cutoff frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com