Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 40Page - Analog Devices ADV7321 Datasheet HTML 41Page - Analog Devices ADV7321 Datasheet HTML 42Page - Analog Devices ADV7321 Datasheet HTML 43Page - Analog Devices ADV7321 Datasheet HTML 44Page - Analog Devices ADV7321 Datasheet HTML 45Page - Analog Devices ADV7321 Datasheet HTML 46Page - Analog Devices ADV7321 Datasheet HTML 47Page - Analog Devices ADV7321 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 44 of 88
NO FSC RESET APPLIED
FSC PHASE = FIELD 4 OR 8
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
FSC RESET APPLIED
FSC RESET PULSE
FSC PHASE = FIELD 1
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
Figure 61. Subcarrier Reset Timing Diagram
LCC1
GLL
P19–P10
ADV7183A
VIDEO
DECODER
COMPOSITE
VIDEO1
CLKIN_A
RTC_SCR_TR
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
Y9–Y0/S9–S05
RTC
LOW
H/L TRANSITION
COUNT START
128
TIME SLOT 01
13
0
14 BITS
SUBCARRIER
PHASE
14
21
19
FSC PLL INCREMENT2
VALID
SAMPLE
INVALID
SAMPLE
6768
4 BITS
RESERVED
0
SEQUENCE
BIT3
RESET
BIT4
RESERVED
ADV7320/
ADV7321
NOTES
1i.e., VCR OR CABLE
2FSC PLL INCREMENT IS 22 BITS LONG. VALUE LOADED INTO ADV7320/ADV7321 FSC DDS REGISTER IS FSC PLL INCREMENTS BITS 21:0
PLUS BITS 0:9 OF SUBCARRIER FREQUENCY REGISTERS. ALL ZEROS SHOULD BE WRITTEN TO THE SUBCARRIER FREQUENCY REGISTERS
OF THE ADV7320/ADV7321.
3

SEQUENCE BIT

PAL: 0 = LINE NORMAL, 1 = LINE INVERTED
NTSC: 0 = NO CHANGE
4RESET ADV7320/ADV7321 DDS
5SELECTED BY REGISTER ADDRESS 0x01 BIT 7
8/LINE
LOCKED
CLOCK
5 BITS
RESERVED
Figure 62. RTC Timing and Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com