Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 60Page - Analog Devices ADV7321 Datasheet HTML 61Page - Analog Devices ADV7321 Datasheet HTML 62Page - Analog Devices ADV7321 Datasheet HTML 63Page - Analog Devices ADV7321 Datasheet HTML 64Page - Analog Devices ADV7321 Datasheet HTML 65Page - Analog Devices ADV7321 Datasheet HTML 66Page - Analog Devices ADV7321 Datasheet HTML 67Page - Analog Devices ADV7321 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 64 of 88
For optimum performance, the analog outputs should each be
source- and load-terminated, as shown in Figure 91. The
termination resistors should be as close as possible to the
ADV7320/ADV7321 to minimize reflections.
For optimum performance, it is recommended that all
decoupling and external components relating to the
ADV7320/ADV7321 are located on the same side of the PCB
and as close as possible to the ADV7320/ADV7321. Any
unused inputs should be tied to ground.
5k
Ω
VDD_IO
5k
Ω
VDD_IO
COMP1, 2
45
VAA
41
VDD VDD_IO
1
ADV7320/
ADV7321
I2C
19
50
49
48
23
CLKIN_B
63
24
25
33
CLKIN_A
32
EXT_LF
34
UNUSED
INPUTS
SHOULD BE
GROUNDED
C0–C9
S0–S9
Y0–Y9
VAA
4.7
µF
+
4.7k
Ω
820pF
3.9nF
VAA
GND_ IO
64
AGND
40
DGND
11, 57
I2C BUS
10nF
0.1
µF
10nF
0.1
µF
10, 56
VDD_IO
VDD
10nF
1
µF
VAA
+
VAA
0.1
µF
POWER SUPPLY DECOUPLING
FOR EACH POWER SUPPLY GROUP
36
VAA
0.1
µF
DAC D 39
DAC E 38
DAC F 37
DAC A 44
DAC B 43
DAC C 42
VREF 46
1.1k
Ω
VAA
RECOMMENDED EXTERNAL
AD1580 FOR OPTIMUM
PERFORMANCE
5k
Ω
VDD_IO
SCLK 22
100
Ω
680
Ω
SDA 21
ALSB 20
RSET1
RSET2
47
100
Ω
3040
Ω
SELECTION HERE
DETERMINES
DEVICE ADDRESS
35
3040
Ω
5k
Ω
VDD_IO
S_HSYNC
S_VSYNC
S_BLANK
P_HSYNC
P_VSYNC
P_BLANK
RESET
100nF
ALL COMPONENTS IN DASHED BOXES MUST BE LOCATED ON THE SAME SIDE
OF THE PCB AS THE ADV7320/21 AND AS CLOSE AS POSSIBLE TO THE ADV7320/21.
300
Ω
300
Ω
300
Ω
300
Ω
300
Ω
300
Ω
Figure 91. ADV7320/ADV7321 Circuit Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com