Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 16Page - Advanced Micro Devices AMD-766 Datasheet HTML 17Page - Advanced Micro Devices AMD-766 Datasheet HTML 18Page - Advanced Micro Devices AMD-766 Datasheet HTML 19Page - Advanced Micro Devices AMD-766 Datasheet HTML 20Page - Advanced Micro Devices AMD-766 Datasheet HTML 21Page - Advanced Micro Devices AMD-766 Datasheet HTML 22Page - Advanced Micro Devices AMD-766 Datasheet HTML 23Page - Advanced Micro Devices AMD-766 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
20
•
PCI and SCI interrupts are designed to be level triggered.
•
PNP interrupts may be level or edge triggered. The inverter available in the GPIO register must be employed to
preserve the polarity from the external signal to the PIC; if this inverter is not selected, then there is an inversion
from the external signal to the PIC.
•
IRQ14 and IRQ15 change from external interrupts to native mode interrupts driven by the IDE drives if
C1A08[8 and 10] are set respectively. As native mode interrupts, they are still required to be active high
(externally); they are combined with PIRQA# logic to become level-triggered, active low signals into the PIC.
•
The keyboard and mouse interrupts, EKIRQ1 and EKIRQ12, are ANDed with the serial IRQ versions to go to
the USB keyboard emulation logic. The outputs of this logic enter the routing equations.
•
In order for the USB keyboard and mouse emulation interrupts to function properly, either EKIRQ1 and
EKIRQ12 must be strapped low or the keyboard controller must keep the serial IRQ slots for IRQ1 and IRQ12
low.
4.3.4.2
IOAPIC
The IOAPIC supports 24 interrupt signals which come from the interrupt routing logic, the PCI interrupts, GPIOs,
the SCI interrupt, the SMI interrupt, and internal signals. Each interrupt corresponds with a redirection register that
specifies the IOAPIC behavior for the interrupt. When the IOAPIC is enabled, it transmits interrupt messages to the
processor through the 3-signal interrupt message bus (IMB), PICCLK and PICD[1:0]#.
4.3.4.2.1
WSC#
The WSC# signal is used to allow upstream posted writes to be visible to the host prior to interrupt message
transmission over the IMB. It connects between the IC and the system memory controller. It is enabled when the
IOAPIC is enabled (C0A4B[APICEN]).
The IC requests that the memory controller guarantee that the upstream posted write transactions in its data buffers
are visible to the host by placing a single-PCLK pulse on WSC#. When all the posted writes that were in the memory
controller when the first pulse was detected are visible to the host, then the memory controller responds with a two-
PCLK pulse back to the IC. After this is received, the IC transmits the interrupt message over the IMB.
PCLK
The IC’s WSC# output enable
WSC#
Request to send message
Memory controller WSC# OE
Interrupt Message Bus
Message is sent
The IC enables WSC# during the PCLK cycle in which it drives WSC# low and the following cycle in which WSC#
is driven high. It is expected that the memory controller enables the line for three PCLK cycles. WSC# is required to
be driven high for at least one clock before it is allowed to be driven low again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com