Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 34Page - Advanced Micro Devices AMD-766 Datasheet HTML 35Page - Advanced Micro Devices AMD-766 Datasheet HTML 36Page - Advanced Micro Devices AMD-766 Datasheet HTML 37Page - Advanced Micro Devices AMD-766 Datasheet HTML 38Page - Advanced Micro Devices AMD-766 Datasheet HTML 39Page - Advanced Micro Devices AMD-766 Datasheet HTML 40Page - Advanced Micro Devices AMD-766 Datasheet HTML 41Page - Advanced Micro Devices AMD-766 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
38
C0A4B: IOAPIC Configuration Register
Configuration space; function 0; offset: 4Bh Default: 00h Read-write.
7:5
4:3
210
Reserved
APICCKS[1:0]
SCI2IOA
SMI2IOA
APICEN
APICEN. IOAPIC enable. 0=Accesses to the IOAPIC memory space are routed to the ISA/LPC bus and the
interrupt message bus is not used. 1=The IOAPIC is enabled, accesses to the IOAPIC memory space are not reflected
on the ISA/LPC bus, and the interrupt message bus is used to transmit IOAPIC interrupts.
SMI2IOA. SMI to IOAPIC redirection register 23. 1=The SMI output of the power management logic is routed
through redirection register 23 of the IOAPIC; the SMI# pin is never asserted. 0=IRQ23 of the IOAPIC is driven
with the output of the GPIO17 input path (regardless as to the state of PMD1) and the SMI# pin is controlled by the
IC.
SCI2IOA. SCI to IOAPIC redirection register 22. 1=The SCI output of the power management logic is routed
through redirection register 22 of the IOAPIC; C3A42[SCISEL] disabled. 0=IRQ22 of the IOAPIC is driven with
the output of the GPIO16 input path (regardless as to the state of PMD0); C3A42[SCISEL] functions normally.
APICCKS. APIC clock select. Selects the source and frequency of the PICCLK as follows:
APICCKS[1:0] Frequency
Source
00b
PCLK divided by 4 (8.3 MHz. max)
The IC drives PICCLK.
01b
PCLK divided by 2 (16.7 MHz. max)
The IC drives PICCLK.
10b
PCLK (33.3 MHz. max)
The IC drives PICCLK.
11b
Unknown. Note: In this mode, the external
clock source is required to be 33.3 MHz or less.
PICCLK is driven by an external component.
C0A51: LPC Bus Decode Register 0
Configuration space; function 0; offset: 51h Default: 00h Read-write.
76
54
321:0
ACPI
KBDC
FDC2
FDC1
ECP
Reserved
PRANGE
PRANGE and ECP. Parallel port range and ECP enable. Specifies which parallel port IO range to route to the LPC
bus as follows:
PRANGE
ECP = 0
ECP = 1
00b
3BC - 3BFh
3BC - 3BFh and 7BC - 7BFh
01b
378 - 37Fh
378 - 37Fh and 778 - 77Fh
10b
278 - 27Fh*
278 - 27Fh and 678 - 67Fh*
11b
None
None
* Note: Port 279h is read-only for LPC. Writes are forwarded to the ISA bus.
FDC1. Floppy drive controller 1. 1=IO ports 3F0h - 3F5h and 3F7h is are routed to LPC. 0=These accesses are
routed to the ISA bus.
FDC2. Floppy drive controller 2. 1=IO ports 370h – 375h and 377h is are routed to LPC. 0=These accesses are
routed to the ISA bus.
KBDC. Keyboard controller. 1=When USB keyboard emulation is not enabled via HceControl[0] (offset 100h in
USBxxx space), IO ports 60h and 64h are routed to LPC. 0=When USB keyboard emulation is not enabled, IO ports
60h and 64h are routed to ISA. If USB keyboard emulation is enabled, these cycles are routed to the USB block.
ACPI. ACPI controller. 1= IO ports 62h and 66h are routed to LPC. 0=These accesses are routed to the ISA bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com