Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 66Page - Advanced Micro Devices AMD-766 Datasheet HTML 67Page - Advanced Micro Devices AMD-766 Datasheet HTML 68Page - Advanced Micro Devices AMD-766 Datasheet HTML 69Page - Advanced Micro Devices AMD-766 Datasheet HTML 70Page - Advanced Micro Devices AMD-766 Datasheet HTML 71Page - Advanced Micro Devices AMD-766 Datasheet HTML 72Page - Advanced Micro Devices AMD-766 Datasheet HTML 73Page - Advanced Micro Devices AMD-766 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
70
PM08: ACPI Power Management Timer
IO mapped (base pointer: C3A58); offset: 0B-08h. Default: 0000 0000h. Read only.
This is either a 24- or a 32-bit counter, based on the state of C3A41[3]. It is a free-running, incrementing counter
clocked off of a 3.579545 MHz clock. It does not count when in the system is in MOFF, SOFF, STD, or STR state.
When the MSB toggles (either bit[23] or bit[31]) then PM00[TMR_STS] is set. This timer is asynchronously cleared
when C3A41[TMRRST] is high.
31:24
23:0
ETM_VAL
TMR_VAL
TMR_VAL. Timer value. This provides the current count of the ACPI power management timer.
ETM_VAL. Extended timer value. If C3A41[3] is high, then these are the 8 MSBs of the ACPI power management
timer. If C3A41[3] is low, then this field always reads back as all zeros.
PM10: Processor Clock Control Register
IO mapped (base pointer: C3A58); offset: 13-10h. Default: 0000 0000h. Read-write.
31:5
4
3:1
0
Reserved
NTH_EN
NTH_RATIO
Reserved
NTH_RATIO. Normal throttling duty cycle. These specify the duty cycle of the STPCLK# signal to the processor
when the system is in normal throttling mode, enabled by NTH_EN. The field is encoded as follows:
RATIO bits
Description
RATIO bits
Description
000b
Reserved.
100b
50.0% STPCLK# active.
001b
87.5% STPCLK# active.
101b
37.5% STPCLK# active.
010b
75.0% STPCLK# active.
110b
25.0% STPCLK# active.
011b
62.5% STPCLK# active.
111b
12.5% STPCLK# active.
NTH_EN. Normal throttling enable. 1=Normal throttling (duty cycle specified by NTH_RATIO) is enabled.
Normal throttling is lower priority than thermal throttling (as specified by C3A50); when thermal throttling is
enabled, the throttling duty cycle is specified by C3A50. Throttling is disabled when in the C2, C3, POS, STR, STD,
or SOFF states. 0=Normal throttling is not enabled.
PM14: Processor Level 2 Register
IO mapped (base pointer: C3A58); offset: 14h. Default: 00h. Read only.
7:0
P_LVL2
P_LVL2. Reads from this register initiate the transition of the processor to the C2 state, as specified by C3A50.
This register is byte readable only. Reads from this register always return 00h.
PM15: Processor Level 3 Register
IO mapped (base pointer: C3A58); offset: 15h. Default: 00h. Read only.
7:0
P_LVL3
P_LVL3. Reads from this register initiate the transition of the processor to the C3 state, as specified by C3A50.
This register is byte readable only. Reads from this register always return 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com