Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 84Page - Advanced Micro Devices AMD-766 Datasheet HTML 85Page - Advanced Micro Devices AMD-766 Datasheet HTML 86Page - Advanced Micro Devices AMD-766 Datasheet HTML 87Page - Advanced Micro Devices AMD-766 Datasheet HTML 88Page - Advanced Micro Devices AMD-766 Datasheet HTML 89Page - Advanced Micro Devices AMD-766 Datasheet HTML 90Page - Advanced Micro Devices AMD-766 Datasheet HTML 91Page - Advanced Micro Devices AMD-766 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
88
6
Electrical Data
6.1
Absolute Ratings
The IC is not designed to operate beyond the parameters shown in the following table.
Note: The absolute ratings in the following table and associated conditions must be adhered to in order to avoid
damage to the IC. Systems using the IC must be designed to ensure that the power supply and system logic board
guarantee that these parameters are not violated. VIOLATION OF THE ABSOLUTE RATINGS WILL VOID THE
PRODUCT WARRANTY.
Absolute ratings.
Parameter
Minimum
Maximum
Comments
VDD3
-0.5 V
3.6 V
VDD_AUX
-0.5 V
3.6 V
VDD_REF
-0.5 V
5.25 V
VDD_RTC
-0.5 V
3.6 V
VDD_USB
-0.5 V
3.6 V
VPIN
-0.5 V
5.25 V
TCASE (under bias)
85 degrees C
TSTORAGE
-65 degrees C
150 degrees C
Note: This table contains preliminary information, which is subject to change.
6.2
Operating Ranges
The IC is designed to provide functional operation if the voltage and temperature parameters are within the limits
defined in the following table.
Parameter
Minimum
Typical
Maximum
Comments
VDD3
3.135 V
3.3 V
3.465 V
VDD_AUX
3.135 V
3.3 V
3.465 V
VDD_REF
4.75 V
5.0 V
5.25 V
VDD_RTC
3.135 V
3.3 V
3.465 V
VDD_USB
3.135 V
3.3 V
3.465 V
T case
85 degrees C
Note: This table contains preliminary information, which is subject to change.
6.3
DC Characteristics
DC characteristics for PCI signals are available in the PCI specification. DC characteristics for the IDE signals are
available from the ATA specification. DC characteristics for the USB signals are available from the USB
specification. The following table provides the DC characteristics for the remaining signals in the IC.
Symbol Parameter Description
Min
Max
Comments
VIL
Input low voltage
-0.5 V
0.8 V
VIH
Input high voltage
2.0 V
5.5 V
VOL
Output low voltage
0.45 V
VOH
Output high voltage
2.4 V
ILI
Input leakage current
-10 uA
10 uA
0 < VIN < VDD
CIN
Input capacitance
10 pf
Note: This table contains preliminary information, which is subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com