Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 24Page - Advanced Micro Devices AMD-766 Datasheet HTML 25Page - Advanced Micro Devices AMD-766 Datasheet HTML 26Page - Advanced Micro Devices AMD-766 Datasheet HTML 27Page - Advanced Micro Devices AMD-766 Datasheet HTML 28Page - Advanced Micro Devices AMD-766 Datasheet HTML 29Page - Advanced Micro Devices AMD-766 Datasheet HTML 30Page - Advanced Micro Devices AMD-766 Datasheet HTML 31Page - Advanced Micro Devices AMD-766 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
28
4.6.1.5.2
Transitions From FON To C2, C3 And POS
C3A50 specifies the definition of these transitions as enables for the following signals: CPURST#, SUSPEND#,
CPUSLEEP#, PCISTOP#, CPUSTOP#, DCSTOP#, CACHE_ZZ. Any of these signals may be enabled for the
transition to any of C2, C3 or POS. The transition to C2, C3, or POS occurs as follows, for each of the enabled pin
controls:
•
Processor initiation. The transition to C2 is initiated by reading PM14; the transition to C3 is initiated by
reading PM15; the transition to POS is initiated by writing the appropriate value to PM04[SLP_EN, SLP_TYP].
•
Stop-grant. The IC asserts STPCLK# and waits for the stop-grant cycle from the host (a PCI special cycle as
specified by C3A41[STPGNT]) to complete.
•
PICCLK. If going into POS and C3A50[APIC_POSEN] is low, then PICCLK held low after stop-grant.
•
CACHE_ZZ. At least four PCLK cycles after stop-grant, CACHE_ZZ is asserted.
•
DCSTOP#. At least eight PCLK cycles after stop-grant, DCSTOP# is asserted.
•
CPUSLEEP#. At least 64 PCLK cycles after stop-grant, CPUSLEEP# is asserted.
•
CPUSTOP# and PCISTOP#. At least 68 PCLK cycles after stop-grant, CPUSTOP# and PCISTOP# are asserted.
•
SUSPEND#. At least 80 PCLK cycles after stop-grant, SUSPEND# is asserted.
4.6.1.5.3
Transitions From C2, C3 And POS To FON
The following is the resume sequence from C2, C3, and POS, once an enabled resume event occurs. These resume
events are enabled by PM16 and, in the case of C3, PM04[1]. Here is the resume sequence, once an enabled resume
event occurs, if the SUSPEND# pin is enabled in C3A50:
•
SUSPEND#. Immediately after the resume event, SUSPEND#, CPUSLEEP# and STPCLK# are deasserted
within 100 nanoseconds of each other. If CPURST# is enabled to be asserted by C3A50, it is asserted as well. If
resuming from POS and C3A50[APIC_POSEN] is low, then PICCLK becomes active at this time.
•
CPUSTOP# and PCISTOP#. 17 to 18 milliseconds after SUSPEND#, CPUSTOP# and PCISTOP# are
deasserted.
•
DCSTOP#. 700 to 800 microseconds after CPUSTOP# and PCISTOP#, DCSTOP# is deasserted.
•
CACHE_ZZ. 240 to 250 microseconds after DCSTOP#, CACHE_ZZ is deasserted.
•
CPURST#. 4 to6 PCLK cycles after CACHE_ZZ, CPURST# is deasserted (if it was asserted).
The following is the resume sequence, once an enabled resume event occurs, if the SUSPEND# pin is not enabled,
but any of DCSTOP#, PCISTOP#, CPUSLEEP, and CPUSTOP# are enabled in C3A50:
•
CPUSTOP# and PCISTOP#. CPUSTOP# and PCISTOP# are deasserted immediately after the resume event. If
resuming from POS and C3A50[APIC_POSEN] is low, then PICCLK becomes active at this time.
•
DCSTOP#. 700 to 800 microseconds after the resume event, DCSTOP# and CPUSLEEP# are deasserted.
•
CACHE_ZZ. 240 to 250 microseconds after DCSTOP#, CACHE_ZZ is deasserted.
•
STPCLK#. 4 to 6 PCLK cycles after CACHE_ZZ, STPCLK# is deasserted.
The following is the resume sequence, once an enabled resume event occurs, if the SUSPEND#, PCISTOP#,
CPUSTOP#, CPUSLEEP, and DCSTOP# pins is not enabled in C3A50:
•
CACHE_ZZ. At least 4 PCLK cycles after the resume event, CACHE_ZZ is deasserted. If resuming from POS
and C3A50[APIC_POSEN] is low, then PICCLK becomes active at this time.
•
STPCLK#. 4 to 6 PCLK cycles after CACHE_ZZ, STPCLK# is deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com