Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 88Page - Advanced Micro Devices AMD-766 Datasheet HTML 89Page - Advanced Micro Devices AMD-766 Datasheet HTML 90Page - Advanced Micro Devices AMD-766 Datasheet HTML 91Page - Advanced Micro Devices AMD-766 Datasheet HTML 92Page - Advanced Micro Devices AMD-766 Datasheet HTML 93Page - Advanced Micro Devices AMD-766 Datasheet HTML 94Page - Advanced Micro Devices AMD-766 Datasheet HTML 95Page - Advanced Micro Devices AMD-766 Datasheet HTML 96Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
95
10
Appendixes
10.1
Appendix A: Glossary
#. This symbol at the end of a signal name or configuration bit indicates that it is active low.
FON. Full on system power state; see section 4.6.1.5.
IMB. Interrupt message bus. The bus used to transfer interrupt messages between processor local APICs and the
IOAPIC of the IC. Includes signals PICCLK, PICD0# and PICD1#.
IOAPIC. IO advanced programmable interrupt controller.
MOFF. Mechanical off system power state; see section 4.6.1.5.
MP. Multiprocessor.
PIC. Programmable interrupt controller. The internal legacy dual-8259-based system interrupt controller.
PIT. Programmable interval timer. The internal legacy 8254 timer.
POS. Power on suspend system power state; see section 4.6.1.5.
Power button override event. This event occurs when PWRBTN# or SLPBTN# is held active for at least four
seconds. See PM00[PBOR_STS].
RST_SOFT. This is the internal reset signal that is applied to the logic, registers, and pins that reside on the
VDD_AUX power plane. See section 4.6.1.5.1.
SOFF. Soft off system power state; see section 4.6.1.5.
STD. Suspend to disk system power state; see section 4.6.1.5.
STR. Suspend to RAM system power state; see section 4.6.1.5.
USB. Universal serial bus.
10.2
Appendix B: References
Advanced Configuration and Power Interface Specification. Intel Corporation, Microsoft, and Toshiba.
AT Attachment With Packet Interface Extension. T13, a Technical Committee of Accredited Standards
Committee NCITS.
Multiprocessor Specification. Intel Corporation, 1996.
OpenHCI for USB. Compaq, Microsoft, and National Semiconductor, 1997.
PCI IDE Controller Specification. PCI Special Interest Group, Hillsboro, OR, 1994.
PCI Local Bus Specification, Revision 2.2. PCI Special Interest Group, Hillsboro, OR, 1998.
Serial IRQ Specification Version 1.0. VESA (Video Electronics Standards Association), San Jose, CA.
System Management Bus Specification Revision 1.0. Benchmarq Microelectronics Inc., Duracell Inc., Energizer
Power Systems, Intel Corporation, Linear Technology Corporation, Maxim Integrated Products, Mitsubishi Electric
Corporation, National Semiconductor Corporation, Toshiba Battery Co., Varta Batterie AG, 1996.
Universal Serial Bus Specification Revision 1.0. Compaq, DEC, IBM, Intel Corporation, Microsoft, NEC, and
Northern Telecom, 1996.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com