Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 63Page - Advanced Micro Devices AMD-766 Datasheet HTML 64Page - Advanced Micro Devices AMD-766 Datasheet HTML 65Page - Advanced Micro Devices AMD-766 Datasheet HTML 66Page - Advanced Micro Devices AMD-766 Datasheet HTML 67Page - Advanced Micro Devices AMD-766 Datasheet HTML 68Page - Advanced Micro Devices AMD-766 Datasheet HTML 69Page - Advanced Micro Devices AMD-766 Datasheet HTML 70Page - Advanced Micro Devices AMD-766 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
67
C3AC4: Programmable IO Range Monitor 1 and 2 Trap Address Register
Configuration space; function 3; offset: C7-C4h. Default: 0000_0000h. Read-write.
C3AC4, C3AC8, and C3ACC combine to define the programmable IO range monitor trap events (PIORM[4:1]).
These events may be used to generate an SMIs or SCIs or reload the system inactivity timer. The trap events occurs
following equations are true:
PIORM1:
(AD[15:0] | MASKIO1 == ADDRIO1 | MASKIO1) & (PCI IO space access);
PIORM2:
(AD[15:0] | MASKIO2 == ADDRIO2 | MASKIO2) & (PCI IO space access);
PIORM3:
(AD[15:0] | MASKIO3 == ADDRIO3 | MASKIO3) & (PCI IO space access);
PIORM4:
(AD[15:0] | MASKIO4 == ADDRIO4 | MASKIO4) & (PCI IO space access);
Where AD is the address phase of a PCI bus IO cycle. It is not necessary for the cycle to be targeted at the IC. The
mask bits cover bits[7:0]. See C3A46[CS1UMB,CS0UMB] for a description of how the mask bits for programmable
IO range monitors 3 and 4 can be extended to bits[10:8].
31:16
15:0
ADDRIO2
ADDRIO1
ADDRIO1 and ADDRIO2. Address for the PIORM[1,2] trap events.
C3AC8: Programmable IO Range Monitor 3 and 4 Trap Address Register
Configuration space; function 3; offset: CB-C8h. Default: 0000_0000h. Read-write.
31:16
15:0
ADDRIO4
ADDRIO3
ADDRIO3 and ADDRIO4. Address for the PIORM[3,4] trap events. See C3AC4 for details.
C3ACC: Programmable IO Range Monitor Trap Mask Register
Configuration space; function 3; offset: CF-CCh. Default: 0000_0000h. Read-write.
31:24
23:16
15:8
7:0
MASKIO4
MASKIO3
MASKIO2
MASKIO1
MASKIO[4:1]. Address masks for the PIORM[4:1] trap events. See C3AC4 for details.
C3AD0: Programmable Memory Range Monitor 1 Trap Address Register
Configuration space; function 3; offset: D3-D0h. Default: 0000_0000h. Read-write.
C3AD0, C3AD4, and C3AD8 combine to define the address for the programmable memory range monitor 1 and 2
trap events (PMEMRM[1,2]). These events may be used to generate an SMIs or SCIs or reload the system inactivity
timer. These trap events occur when the following equations are true:
PMEMRM1: (AD[31:8] | MASKMEM1) == (ADDRMEM1 | MASKMEM1);
PMEMRM2: (AD[31:8] | MASKMEM2) == (ADDRMEM2 | MASKMEM2);
Where AD is the address phase of a PCI bus memory cycle. It is not necessary for the cycle to be targeted at the IC.
The mask bits cover bits[23:8].
31:8
7:0
ADDRMEM1
Reserved
ADDRMEM1. Memory address for the PMEMRM1 trap event.
C3AD4: Programmable Memory Range Monitor 2 Trap Address Register
Configuration space; function 3; offset: D7-D4h. Default: 0000_0000h. Read-write.
31:8
7:0
ADDRMEM2
Reserved
ADDRMEM2. Memory address for the PMEMRM2 trap event. See C3AD0 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com