Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 69Page - Advanced Micro Devices AMD-766 Datasheet HTML 70Page - Advanced Micro Devices AMD-766 Datasheet HTML 71Page - Advanced Micro Devices AMD-766 Datasheet HTML 72Page - Advanced Micro Devices AMD-766 Datasheet HTML 73Page - Advanced Micro Devices AMD-766 Datasheet HTML 74Page - Advanced Micro Devices AMD-766 Datasheet HTML 75Page - Advanced Micro Devices AMD-766 Datasheet HTML 76Page - Advanced Micro Devices AMD-766 Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
73
PM24: LPT-USB Event Status Register
IO mapped (base pointer: C3A58); offset: 24h. Default: 00h. Read; set by hardware; write 1 to clear.
765
4
321
0
LPT3_STS
LPT2_STS
LPT1_STS
USB_RSM_STS
USB_BLK_STS USB_INT_STS
USB_ISO_STS USB_CTL_STS
USB_CTL_STS. USB control transfer status. 1=A USB control transfer has been completed.
USB_ISO_STS. USB isochronous transfer status. 1=A USB isochronous transfer has been completed.
USB_INT_STS. USB interrupt transfer status. 1=A USB interrupt transfer has completed.
USB_BLK_STS. USB bulk transfer status. 1=A USB bulk transfer has been completed.
USB_RSM_STS. USB-defined resume event status. Access to this bit is replicated in PM20; see that register. This
bit resides on the VDD_AUX power plane.
LPT1_STS. IO access to 378-37Fh status. 1=An access to IO space between 378h and 37Fh has occurred.
LPT2_STS. IO access to 278-27Fh status. 1=An access to IO space between 278h and 27Fh has occurred.
LPT3_STS. IO access to 3BC-3BFh status. 1=An access to IO space between 3BCh and 3BFh has occurred.
PM25: LPT-USB Event Interrupt Enable Register
IO mapped (base pointer: C3A58); offset: 25h. Default: 0000h. Read-write.
For each of the bits in this register: 1=Enable a corresponding status bit in PM24 to generate an SMI or SCI
interrupt (based on the state of PM04[SCI_EN]); 0=Do not enable the SMI or SCI interrupt.
765
43210
LPT3_EN
LPT2_EN
LPT1_EN
USB_RSM_EN
USB_BLK_EN
USB_INT_EN
USB_ISO_EN
USB_CTL_EN
USB_CTL_EN. USB control transfer interrupt enable.
USB_ISO_EN. USB isochronous transfer interrupt enable.
USB_INT_EN. USB interrupt transfer interrupt enable.
USB_BLK_EN. USB bulk transfer interrupt enable.
USB_RSM_EN. USB-defined resume event interrupt enable. Access to this bit is replicated in PM22.
LPT1_STS. IO access to 378-37Fh interrupt enable.
LPT2_STS. IO access to 278-27Fh interrupt enable.
LPT3_STS. IO access to 3BC-3BFh interrupt enable.
PM26: Sleep State Resume Enable Register
IO mapped (base pointer: C3A58); offset: 27-26h. Default: 2200h. Read-write.
The CTL bits in this register enable resume events from STR, STD, and SOFF. This register resides on the
VDD_AUX power plane.
15
14
13
12
11
10
9
8
Reserved
RI_CTL
SBOR_DIS
SLPBTN_CTL
PBOR_DIS
PME_CTL
PB_CTL
RTC_PS_CTL
765
43210
Reserved
Reserved
Reserved
Reserved
HSLV_CTL
SNP_CTL
USBRSM_CTL
EXTSMI_CTL
EXTSMI_CTL. EXTSMI# resume. 1=Enables the assertion of PM20[EXTSMI_STS] to resume the system from
STR, STD, and SOFF.
USBRSM_CTL. USB resume. 1=Enables the assertion of PM20[USB_RSM_STS] to resume the system from STR,
STD, and SOFF.
SNP_CTL. SMBus snoop address match resume. 1=Enables the assertion of PME0[SNP_STS] to resume the
system from STR, STD, and SOFF.
HSLV_CTL. SMBus host-as-slave address match resume. 1=Enables the assertion of PME0[HSLV_STS] to
resume the system from STR, STD, and SOFF.
RTC_PS_CTL. Real time clock resume. 1=Enables the assertion of PM00[RTC_STS] to resume the system from
STR, STD, and SOFF.
PB_CTL. Power button resume. 1=Enables the assertion of PM00[PWRBTN_STS] to resume the system from STR,
STD, and SOFF.
PME_CTL. PME# resume. 1=Enables the assertion of PM20[PME_STS] to resume the system from STR, STD,
and SOFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com