Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 31Page - Advanced Micro Devices AMD-766 Datasheet HTML 32Page - Advanced Micro Devices AMD-766 Datasheet HTML 33Page - Advanced Micro Devices AMD-766 Datasheet HTML 34Page - Advanced Micro Devices AMD-766 Datasheet HTML 35Page - Advanced Micro Devices AMD-766 Datasheet HTML 36Page - Advanced Micro Devices AMD-766 Datasheet HTML 37Page - Advanced Micro Devices AMD-766 Datasheet HTML 38Page - Advanced Micro Devices AMD-766 Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
35
C0A41: ISA Bus Control 2 Register
Configuration space; function 0; offset: 41h Default: 02h
76
54
321
0
MBL
Reserved
P92FR
Reserved
Reserved
Reserved
NMIDIS
SHEN
SHEN. Shadow register access enable. Read-write. 1=Shadowed IO access to legacy write-only registers is enabled.
0=Normal access of legacy registers. The following table specifies all registers affected by this bit:
IO port
R/W Normal mode
Shadow mode
DMA: 00h, 02h, 04h, 06h,
W
Base address for DMA channel
Current address for DMA channel
C0h, C4h, C8h, CCh
R
Current address for DMA channel
Base address for DMA channel
DMA: 01h, 03h, 05h, 07h,
W
Base byte count for DMA channel
Current byte count for DMA channel
C2h, C6h, CAh, CEh
R
Current byte count for DMA channel
Base byte count for DMA channel
DMA: 08h/D0h
W
Command Register DMA CH[3:0]/[7:4]
Status Register DMA CH[3:0]/[7:4]
R
Status Register DMA CH[3:0]/[7:4]
1
st read: Command reg DMA CH[3:0]/[7:4]
2
nd read: Request reg DMA CH[3:0]/[7:4]
3
rd read: Mode register DMA CH0/4
4
th read: Mode register DMA CH1/5
5
th read: Mode register DMA CH2/6
6
th read: Mode register DMA CH3/7
DMA: 09h/D2h, 0Ah/D4h,
0Bh/D6h
W
See DMA controller
Reserved
DMA: 0Ch/D8h, 0Dh/DAh,
0Eh/DCh
W
See DMA controller
Same as normal mode
DMA: 0Fh/Deh
W
Write all masks [3:0]/[7:4]
Write all masks [3:0]/[7:4]
R
Reserved
Read all masks [3:0]/[7:4]
PIT: 40h
R
Status byte counter 0
1
st read: Status byte counter 0
2
nd read: CRL for counter 0
3
rd read: CRM for counter 0
4
th read: CRL for counter 1
5
th read: CRM for counter 1
6
th read: CRL for counter 2
7
th read: CRM for counter 2
PIT: 41h
R
Status byte counter 1
Status byte counter 1
PIT: 42h
R
Status byte counter 2
Status byte counter 2
PIC: 20h
R
Interrupt request register for PIC 1
1
st read: ICW1 for controller 1
2
nd read: ICW2 for controller 1
3
rd read: ICW3 for controller 1
4
th read: ICW4 for controller 1
5
th read: OCW1 for controller 1
6
th read: OCW2 for controller 1
7
th read: OCW3 for controller 1
8
th read: ICW1 for controller 2
9
th read: ICW2 for controller 2
10
th read: ICW3 for controller 2
11
th read: ICW4 for controller 2
12
th read: OCW1 for controller 2
13
th read: OCW2 for controller 2
14
th read: OCW3 for controller 2
PIC: 21h
R
In service register for PIC 1
In service register for PIC 1
PIC: A0h
R
Interrupt request register for PIC 2
Interrupt request register for PIC 2
PIC: A1h
R
In service register for PIC 2
In service register for PIC 2
NMIDIS. NMI disable. Read only. This provides read access to RTC70[NMIDIS].
P92FR. Port 92 fast reset. Read-write. 1=Writes that attempt to set PORT92[0]—the fast CPU reset bit—are
enabled. 0=Writes to PORT92[0] are ignored.
MBL. Must be low. Read-write. This bit is required to be low at all times; otherwise undefined behavior will result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com