Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 7Page - Advanced Micro Devices AMD-766 Datasheet HTML 8Page - Advanced Micro Devices AMD-766 Datasheet HTML 9Page - Advanced Micro Devices AMD-766 Datasheet HTML 10Page - Advanced Micro Devices AMD-766 Datasheet HTML 11Page - Advanced Micro Devices AMD-766 Datasheet HTML 12Page - Advanced Micro Devices AMD-766 Datasheet HTML 13Page - Advanced Micro Devices AMD-766 Datasheet HTML 14Page - Advanced Micro Devices AMD-766 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
11
3.6
System Management Signals
This group includes all the GPIO pins, many of which are multiplexed with other functions. The default function of
GPIO pins after reset is specified by PM[FF:F4 and D3:C0]. When programmed as GPIOs, these pins are capable of
being programmed to be inputs or push-pull outputs. GPIO pins remain functional during sleep states (if they are
powered).
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
C32KHZ. 32.768 kHz clock output. This pin may also be configured as
GPIO15 by PMCF.
Output,
IO
VDD3
Low
Low
Func.
CACHE_ZZ. Level 2 cache sleep mode output. This is designed to be
connected to the power-control input to the second level cache to place it
into low-power mode. It is controlled by C3A50. This pin may also be
configured as GPIO8 by PMC8.
Output,
IO
VDD3
Low
Low
Func.
CPUSLEEP#. Processor non-snoop sleep mode output. This may be
connected to the sleep pin of the processor to place it into a non-snoop-
capable low-power state. It is controlled by C3A50. This pin may also be
configured as GPIO5 by PMC5.
Output,
IO
VDD3
High
High
Func.
CPUSTOP#. Processor clock stop output. This may be connected to the
system clock chip to control the host clock signals. It is controlled by
C3A50. This pin may also be configured as GPIO6 by PMC6.
Output,
IO
VDD3
High
High
Func.
DCSTOP#. DRAM controller stop output. This may be connected to the
system memory controller to indicate that its clock is going to stop (so that
an alternative DRAM refresh scheme may start). It is controlled by
C3A50. This signal is also functional during STD, STR and SOFF.
Output,
IO
VDD_
AUX
Active
High
Func.
EXTSMI#. External SMI input. This pin may be used to generate SMI
or SCI interrupts and resume events. This pin may also be configured as
GPIO12 by PMCC.
Input,
IO
VDD_
AUX
---
FLAGRD#. Flag read output. This may be connected to the output-
enable input of external buffers with the buffer outputs on the SD pins.
Therefore, the inputs to the buffers may be software-readable flags.
FLAGRD# is asserted during reads of PM1A. This pin may also be
configured as GPIO11 by PMCB.
Output,
IO
VDD3
High
High
High
FLAGWR. Flag write output. This may be connected to the latch-
enabled input of external latches with the latch inputs on the SD pins.
Therefore, the outputs of the latches may be software-controlled flags.
FLAGWR is asserted during writes to PM18. This pin may also be
configured as GPIO10 by PMCA.
Output,
IO
VDD3
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com