Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 73Page - Advanced Micro Devices AMD-766 Datasheet HTML 74Page - Advanced Micro Devices AMD-766 Datasheet HTML 75Page - Advanced Micro Devices AMD-766 Datasheet HTML 76Page - Advanced Micro Devices AMD-766 Datasheet HTML 77Page - Advanced Micro Devices AMD-766 Datasheet HTML 78Page - Advanced Micro Devices AMD-766 Datasheet HTML 79Page - Advanced Micro Devices AMD-766 Datasheet HTML 80Page - Advanced Micro Devices AMD-766 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
77
PM41: TCO Timer Initial Value Register
IO mapped (base pointer: C3A58); offset: 41h. Default: 04h. Read-write.
7:6
5:0
Reserved
TCOTIME
TCOTIME. TCO timer reload value. Specifies the value loaded into the TCO timer; see PM40.
PM42: TCO SMI Data In Register
IO mapped (base pointer: C3A58); offset: 42h. Default: 00h. Read-write.
7:0
TCOSMI
TCOSMI. TCO SMI data. Writes of any value to this register set PM44[SW_TCO_SMI] and generate an SMI.
Reads provide the last value written.
PM43: TCO SMI Data Out Register
IO mapped (base pointer: C3A58); offset: 43h. Default: 00h. Read-write.
7:0
TCOOUT
TCOOUT. TCO output data to OS. Writes of any value to this register set PM44[TCO_INT_STS] and generate an
IRQ as specified by C3A44[TCO_INT_SEL] and PM22[TCOSCI_EN]. Reads provide the last value written.
PM44: TCO Status 1 Register
IO mapped (base pointer: C3A58); offset: 45-44h. Default: 0000h. Read; set by hardware; write 1 to clear.
15
14
13
12
11
10
9
8
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
IBIOS_STS
765
43210
Reserved
Reserved
Reserved
Reserved
TOUT_STS
TCO_INT_STS SW_TCO_SMI
NMI2SMI_STS
NMI2SMI_STS. NMI to SMI status. 1=An NMI was detected while PM48[NMI2SMI_EN] was high. This bit is
not affected by setting PM48[NMI_NOW]. Assertion of this bit results in an SMI interrupt.
SW_TCO_SMI. Software-generated SMI status. 1=A write to PM42 was detected. This bit may be enabled by
PM2A[TCO_EN] to generate SMI interrupts.
TCO_INT_STS. TCO interrupt status. 1=A write to PM43 was detected. Assertion of this bit results in an IRQ as
specified by C3A44[TCO_INT_SEL] and PM22[TCOSCI_EN].
TOUT_STS. TCO timer timeout status. 1=The TCO timer, PM40, counted past zero. This bit may be enabled by
PM2A[TCO_EN] to generate SMI interrupts.
IBIOS_STS. BIOS illegal access status. 1=An illegal access to BIOS address space has occurred. This occurs
when: (1) there is a read to a read-locked address or a write to a write-locked address as specified by C0A40[RWR],
C0A80, C0A84, C0A88, and C0A8C[3:0] or (2) C0A40[BLE]=1 and C0A40[RWR] is written from a 0 to a 1. This
bit may enabled by PM2A[TCO_EN] to generate SMI interrupts.
PM46: TCO Status 2 Register
IO mapped (base pointer: C3A58); offset: 46h. Default: 00h. Read; set by hardware; write 1 to clear.
765
43210
Reserved
Reserved
Reserved
Reserved
Reserved
BOOT_STS
2NDTO_STS
INTRDR_STS
INTRDR_STS. Intruder detect status. 1=The INTRUDER# pin was detected asserted for more than 60
microseconds (debounce time). This register resides on the VDD_AL power plane. It functions in all power states
unless VDD_AL is not valid. When VDD_AL is powered, this bit defaults low.
2NDTO_STS. Second TCO time out status. 1=The TCO timer, PM40, timed out a second time before
PM44[TOUT_STS] was cleared. If enabled by C3A41[NO_REBOOT], assertion of this bit reboots the system. This
bit resides on the VDD_AUX power plane.
BOOT_STS. Boot status. 1=The TCO timer has timed out twice without any BIOS ROM accesses. This is detected
when PM46[2NDTO_STS] changes from 0 to 1 after any PCIRST# before any BIOS ROM accesses have occurred.
This bit resides on the VDD_AUX power plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com