Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 40Page - Advanced Micro Devices AMD-766 Datasheet HTML 41Page - Advanced Micro Devices AMD-766 Datasheet HTML 42Page - Advanced Micro Devices AMD-766 Datasheet HTML 43Page - Advanced Micro Devices AMD-766 Datasheet HTML 44Page - Advanced Micro Devices AMD-766 Datasheet HTML 45Page - Advanced Micro Devices AMD-766 Datasheet HTML 46Page - Advanced Micro Devices AMD-766 Datasheet HTML 47Page - Advanced Micro Devices AMD-766 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
44
5.3.2
Legacy DMA Controller (DMAC) Registers
The legacy DMA controller (DMAC) in the IC supports the features required by the LPC I/F Specification Revision
1.0, which are a subset of the features in legacy DMA Controllers. Single, demand, verify, and increment modes are
supported. Block, decrement, cascade modes are not supported. Also, memory-to-memory transfers and external
EOPs (end of process) are not supported.
There are 7 supported DMA channels. Channels 0-3 support 8-bit transfers. Channels 5-7 support 16-bit transfers.
There is no support for 32-bit DMA transfers. LPC master device requests are made using channel 4.
Although not all registers of legacy DMA controllers are supported, the IO address locations for the unsupported
registers is consistent with legacy logic. The implemented DMAC registers are listed in the following table.
Name
Size
Number
Comments
Base Address Registers
16 bits
8
1 for each channel (0-7) (see note 1)
Base Word Count Registers
16 bits
8
1 for each channel (0-7) (see note 1)
Current Address Registers
16 bits
8
1 for each channel (0-7) (see note 1)
Current Word Count Registers
16 bits
8
1 for each channel (0-7) (see note 1)
Status Registers
8 bits
2
1 for Master and 1 for Slave DMAC
Command Registers
1 bit
2
1 for Master and 1 for Slave DMAC
Mode Registers
5 bits
8
1 for each channel (0-7) (see note 1)
Mask Registers
4 bits
2
1 for Master and 1 for Slave DMAC
Note 1: although channel 4 base and current registers exist for compatibility, they are not used.
Note that not all bits in the command and mode registers of legacy DMA controllers are implemented in the IC’s
DMA controller. The bit usage for these registers are as follows.
Command registers (master and slave DMAC)
Bit
Legacy DMAC function
DMAC function of the IC
7
DACK sense
Obsolete
6
DREQ sense
Obsolete
5
Late/Extended write
Obsolete
4
Fixed/Rotating priority
Obsolete (always fixed priority)
3
Normal/Compressed timing
Obsolete
2
Controller enable/disable
Controller enable/disable
1
Ch0 address hold enable/disable
Obsolete
0
Memory-to-memory enable/disable
Obsolete
Mode registers (master and slave DMAC)
Bit
Legacy DMAC function
DMAC function of the IC
7:6
00b Demand mode select
01b Single mode select
10b Block mode select
11b Cascade mode select
00b Demand mode select
01b Single mode select
10b Obsolete
11b Obsolete (see note)
5
Address increment/decrement select
Obsolete (always increment)
4
Auto initialization enable/disable
Auto initialization
enable/disable
3:2
00b Verify transfer
01b Write transfer
10b Read transfer
11b Illegal
00b Verify transfer
01b Write transfer
10b Read transfer
11b Illegal
1:0
Channel select
Channel select
Note: DMA channel 4 is hard-wired into cascade mode; however cascade mode is obsolete for all other channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com