Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 64Page - Advanced Micro Devices AMD-766 Datasheet HTML 65Page - Advanced Micro Devices AMD-766 Datasheet HTML 66Page - Advanced Micro Devices AMD-766 Datasheet HTML 67Page - Advanced Micro Devices AMD-766 Datasheet HTML 68Page - Advanced Micro Devices AMD-766 Datasheet HTML 69Page - Advanced Micro Devices AMD-766 Datasheet HTML 70Page - Advanced Micro Devices AMD-766 Datasheet HTML 71Page - Advanced Micro Devices AMD-766 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
68
C3AD8: Programmable Memory Range Monitor Trap Mask Registers
Configuration space; function 3; offset: DB-D8h. Default: 0000_0000h. Read-write.
31:16
15:0
MASKMEM2
MASKMEM1
MASKMEM[1,2]. Address mask for the PMEMRM[1,2] trap events. See C3AD0 for details.
5.9
System Management IO Mapped Registers (PMxx)
These registers are in IO space. The base address register for these registers is C3A58. See section 5.1.2 for a
description of the register naming convention.
PM00: Power Management 1 Status Register
IO mapped (base pointer: C3A58); offset: 01-00h. Default: 0000h. Read; set by hardware; write 1 to clear.
Most of these bits have the ability to generate an SCI/SMI interrupt, if they are enabled to do so in PM02.
15
14:12
11
10
9
8
WAK_STS
Reserved
PBOR_STS
RTC_STS
SLPBTN_STS PWRBTN_STS
7:6
5
4
3:1
0
Reserved
GBL_STS
BM_STS
Reserved
TMR_STS
TMR_STS. ACPI timer status. 1=The MSB of the ACPI timer (either bit 23 or 31 based on C3A41[3]), PM08,
toggled (from 0 to 1 or 1 to 0).
BM_STS. Bus master status. 1=One of the PCI REQ# signals (brought in on IRQ[11:9, 7:3]) or BMREQ# or any
internal PCI master requests signals was asserted.
GBL_STS. Global status. 1=PM2C[BIOS_RLS] was set high.
PWRBTN_STS. Power button status. 1=PWRBTN# has been asserted. The debounce circuitry causes a 12-to-16
millisecond delay from the time the input signal stabilizes until this bit changes. If PM26[PBOR_DIS] is low and
PWRBTN# is held low for more than four seconds, then this bit is cleared and PBOR_STS is set. This bit resides on
the VDD_AUX power plane. Note: The debounce circuit functions in the high-to-low and low-to-high directions.
SLPBTN_STS. Sleep button status. 1=SLPBTN# has been asserted. The debounce circuitry causes a 12-to-16
millisecond delay from the time the input signal stabilizes until this bit changes. If the GPIO debounce circuitry
specified by PMC3 is enabled, then the debounce period is twice as long before setting the status bit. If the
SLPBTN# function is not selected by PMC3, then this bit cannot be set. If PM26[SBOR_DIS] is low and SLPBTN#
is held low for more than four seconds, then this bit is cleared and PBOR_STS is set. This bit resides on the
VDD_AUX power plane. Note: The debounce circuit functions in the high-to-low and low-to-high directions.
RTC_STS. Real time clock status. 1=The real-time clock generated an interrupt. This bit resides on the
VDD_AUX power plane.
PBOR_STS. Power button override status. 1=A power button override event occurred. A power button override
event occurs if (1) PM26[PBOR_DIS] is low and PWRBTN# is held in the active state for more than four seconds or
(2) if PM26[SBOR_DIS] is low, the SLPBTN# function is enabled by PMC3, and SLPBTN# is held in the active
state for more than four seconds. This bit resides on the VDD_AUX power plane.
WAK_STS. Wakeup status. 1=The system was in a sleep state (S1 to S5) and an enabled resume event occurred.
Upon setting this bit, the system resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com