Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 32Page - Advanced Micro Devices AMD-766 Datasheet HTML 33Page - Advanced Micro Devices AMD-766 Datasheet HTML 34Page - Advanced Micro Devices AMD-766 Datasheet HTML 35Page - Advanced Micro Devices AMD-766 Datasheet HTML 36Page - Advanced Micro Devices AMD-766 Datasheet HTML 37Page - Advanced Micro Devices AMD-766 Datasheet HTML 38Page - Advanced Micro Devices AMD-766 Datasheet HTML 39Page - Advanced Micro Devices AMD-766 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
36
C0A43: ROM Decode Control Register
Configuration space; function 0; offset: 43h Default: 00h Read-write.
This register specifies the address space mapped to the BIOS ROM on either the ISA bus or the LPC bus (based on
the state of C3A48[ISABIOS]). The ROM_KBCS# pin is used to enable accesses to the system BIOS on the ISA bus.
LPC bus accesses are decoded by the LPC BIOS device with the LPC address map shown below.
7:0
SEGEN
SEGEN. ROM segment enables. For each of these bits: 1=Enables the specified address range as a BIOS ROM
access. 0=The specified address range is not decoded as a BIOS ROM access. These bits control the following
address ranges; the last column shows the translated LPC bus addresses if C3A48[ISABIOS]=0; the next column
shows the translated ISA bus address if C3A48[ISABIOS]=1:
SEGEN
bit
Size
PCI Address Range[31:0]
Address translation
for ISA bus[23:0]
Address translation
for LPC bus
0
32K bytes
000C_0000 - 000C_7FFFh
FC_0000 - FC_7FFFh
FFFC_0000 - FFFC_7FFFh
1
32K bytes
000C_8000 - 000C_FFFFh
FC_8000 - FC_FFFFh
FFFC_8000 - FFFC_FFFFh
2
32K bytes
000D_0000 - 000D_7FFFh
FD_0000 - FD_7FFFh
FFFD_0000 - FFFD_7FFFh
3
32K bytes
000D_8000 - 000D_FFFFh
FD_8000 - FD_FFFFh
FFFD_8000 - FFFD_FFFFh
4
32K bytes
000E_0000 - 000E_7FFFh
FE_0000 - FE_7FFFh
FFFE_0000 - FFFE_7FFFh
5
32K bytes
000E_8000 - 000E_FFFFh
FE_8000 - FE_FFFFh
FFFE_8000 - FFFE_FFFFh
6
1 megabyte
FFB0_0000 - FFBF_FFFFh
B0_0000 - BF_FFFFh
FFB0_0000 - FFBF_FFFFh
7
4 megabytes FFC0_0000 - FFFF_FFFFh
C0_0000 - FF_FFFFh
FFC0_0000 - FFFF_FFFFh
Note: The following ranges are fixed BIOS address ranges:
Size
PCI Address Range[31:0]
Address translation
for ISA bus[23:0]
Address translation
for LPC bus
64K bytes
000F_0000 - 000F_FFFFh
FF_0000 - FF_FFFFh
FFFF_0000 - FFFF_FFFFh
64K bytes
FFFF_0000 - FFFF_FFFFh
FF_0000 - FF_FFFFh
FFFF_0000 - FFFF_FFFFh
Note: See C0A80 for further information about how access to BIOS spaces is controlled.
C0A46: Miscellaneous Control 1 Register
Configuration space; function 0; offset: 46h Default: 00h Read-write.
7
654
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PMWE
PMWE. Posted memory write enable. 1=Enable the one-DWORD write buffer from PCI target memory writes to
the ISA/LPC bus. 0=The IC waits until the ISA/LPC cycle is complete before passing ready back to the PCI bus.
C0A47: Miscellaneous Control 2 Register
Configuration space; function 0; offset: 47h Default: 00h
76
54
321
0
CPURS
PCIDTEN
Reserved
Reserved
Reserved
Reserved
Reserved
SWPCIR
SWPCIR. Software PCI reset. Write only. When this bit is written with a 1, a 1.5 to 2.0 millisecond reset pulse is
generated over PCIRST# and CPURST#.
PCIDTEN. PCI delayed transaction enable. Read-write. 1=PCI accesses that target the ISA/LPC bus and internal
legacy registers utilize delayed-transactions. 0=PCI accesses that target the ISA/LPC bus and internal legacy
registers are terminated after the ISA/LPC bus cycle is complete. This bit does not affect posted memory writes
(C0A46[PMWE]=1), for which always disconnect with data. Note: When PCIDTEN=0, the state of
C0A4A[PGNT1ST] is ignored and the IC always waits for the PCI bus to be granted to the LPC DMA/master state
machine before asserting the DACK# signal. It is expected that PCIDTEN is normally set high.
CPURS. CPU reset select. Read-write. 1=Processor resets are directed toward the INIT# pin. 0=Processor resets
are directed toward the CPURST# pin. This bit is required to be high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com