Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 51Page - Advanced Micro Devices AMD-766 Datasheet HTML 52Page - Advanced Micro Devices AMD-766 Datasheet HTML 53Page - Advanced Micro Devices AMD-766 Datasheet HTML 54Page - Advanced Micro Devices AMD-766 Datasheet HTML 55Page - Advanced Micro Devices AMD-766 Datasheet HTML 56Page - Advanced Micro Devices AMD-766 Datasheet HTML 57Page - Advanced Micro Devices AMD-766 Datasheet HTML 58Page - Advanced Micro Devices AMD-766 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
55
IBMA: Secondary Bus Master IDE Status Register
IO space (base pointers: C1A20); offset: 0Ah. Default: 00h.
7:0
SSTAT
SSTAT[0] Bus Master IDE Active, ACTV. Read only.
SSTAT[1] Error, ERR. Read; set by hardware; write 1 to clear.
PSTAT[2] Interrupt, IRQ. Read; set by hardware; write 1 to clear. This bit is set by the rising edge of the IDE
interrupt line.
SSTAT[4:3]. Reserved.
SSTAT[5] Drive 0 DMA Capable, DMA0C. Read-write.
SSTAT[6] Drive 1 DMA Capable, DMA1C. Read-write.
SSTAT[7] Simplex Only. Read only.
IBMC: Secondary Bus Master IDE PRD Table Address Register
IO space (base pointers: C1A20); offset: 0Ch. Default: 0000 0000h.
31:2
1:0
PPRDADD
Reserved
SPRDADD[1:0]. Read only. These bits are fixed in the low state
SPRDADD[31:2] Secondary physical region descriptor table base address, SRDADD. Read-write.
5.6
USB Host Controller Configuration Registers (C4Axx)
These registers are in PCI configuration space, function 4. See section 5.1.2 for a description of the register naming
convention.
C4A00: USB Controller Vendor And Device ID
Configuration space; function 4; offset: 03-00h. Default: 7414 1022h. Read only.
31:16
15:0
DID
VID
VID. Vendor ID.
DID. USB controller device ID.
C4A04: USB Controller Status And Command Register
Configuration space; function 4; offset: 07-04h. Default: 0280 0000h.
31:16
15:0
STATUS[15:0]
COMMAND[15:0]
COMMAND[0] IO Space Enable, IOEN. Read-write. 1=Enables access to the IO space for the keyboard/mouse
controller ports use in legacy emulation.
COMMAND[1] Memory Space Enable. Read-write. 1=Enables access to the memory space for the host controller
registers.
COMMAND[2] Bus Master Enable. Read-write. 1=Enables USB bus master capability.
COMMAND[4] Memory Write and Invalidate Enable. Read-write. 1=Enables bus master to issue memory write
and invalidate cycles.
COMMAND[8] SERR# Detection Enable. Read-write. This bit has no effect.
COMMAND[15:9,7:5,3]. Read only. These bits are fixed at their default values.
STATUS[11:0]. Read only. These bits are fixed at their default values.
STATUS[12] Received Target Abort. Read; set by hardware; write 1 to clear. 1=The IC received a target abort
while the USB controller was master of the PCI bus.
STATUS[13] Received Master Abort. Read; set by hardware; write 1 to clear. 1=A USB master cycle was
terminated with a master abort.
STATUS[15:14]. Read only. These bits are fixed at their default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com