Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 48Page - Advanced Micro Devices AMD-766 Datasheet HTML 49Page - Advanced Micro Devices AMD-766 Datasheet HTML 50Page - Advanced Micro Devices AMD-766 Datasheet HTML 51Page - Advanced Micro Devices AMD-766 Datasheet HTML 52Page - Advanced Micro Devices AMD-766 Datasheet HTML 53Page - Advanced Micro Devices AMD-766 Datasheet HTML 54Page - Advanced Micro Devices AMD-766 Datasheet HTML 55Page - Advanced Micro Devices AMD-766 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
52
C1A40: EIDE Controller Configuration Register
Configuration space; function 1; offset: 43-40h. Default: 0000 0400h.
31:24
23:20
19:16
15:0
Reserved
RW
CABLE
IDE_CONFIG
IDE_CONFIG[0] Secondary Channel Enable, SECEN. Read-write. 1=The secondary port of the EIDE controller
is enabled.
IDE_CONFIG[1] Primary Channel Enable, PRIEN. Read-write. 1=The primary port of the EIDE controller is
enabled.
IDE_CONFIG[4:2] MBLD. Must be left in their default state. Read-write. These bits are required to be left in their
default state; otherwise undefined behavior will result.
IDE_CONFIG[7:5] Reserved.
IDE_CONFIG[11:8] MBLD. Must be left in their default state. Read-write. These bits are required to be left in
their default state; otherwise undefined behavior will result.
IDE CONFIG[12] Secondary Posted Write Buffer, SECPWB. Read-write. 1=Enable the EIDE secondary port
PIO-mode posted-write buffer. Only 32-bit writes to the data port are allowed when this bit is set.
IDE CONFIG[13] Secondary Read Prefetch Buffer, SECRPB. Read-write. 1=Enable the EIDE secondary port
read-prefetch buffer.
IDE CONFIG[14] Primary Posted Write Buffer, PRIPWB. Read-write. 1=Enable the EIDE primary port PIO-
mode posted-write buffer. Only 32-bit writes to the data port are allowed when this bit is set.
IDE CONFIG[15] Primary Read Prefetch Buffer, PRIRPB. Read-write. 1=Enable the EIDE primary port read-
prefetch buffer.
CABLE. Read-write. These bits are expected to be programmed by BIOS to specify the cable type of each of the
IDE drives to the driver. 1=High speed 80-pin cable is present. The bits specify the drive as follows:
•
Bit[16]: primary master.
•
Bit[17]: primary slave.
•
Bit[18]: secondary master.
•
Bit[19]: secondary slave.
RW. Read-write. These bits are read-write accessible through software; they control no hardware.
C1A48: EIDE Controller Drive Timing Control
Configuration space; function 1; offset: 4B-48h. Default: A8A8 A8A8h. Read-write.
This register specifies timing for PIO data transfers (not 171h though 177h or 1F1h though 1F7h) and multi-word
DMA transfers. The value in each 4-bit field, plus one, specifies a time period in 30 nanosecond PCI clocks. Note:
The default state, A8h, results in a recovery time of 270ns and an active pulse width of 330ns for a 30ns PCI clock
(total cycle time = 600ns) which corresponds to ATA PIO Mode 0.
Note: PIO modes are controlled via C1A48 and C1A4C. To set the timing associated with the various modes,
C1A4C should be left at its default value and the appropriate byte of C1A48 should be programmed as follows: mode
0=A8h; mode 1=65h; mode 2=42h; mode 3=22h; mode 4=20h.
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0
PD0PW
PD0RT
PD1PW
PD1RT
SD0PW
SD0RT
SD1PW
SD1RT
SD1RT[3:0] Secondary Drive 1 Minimum Recovery Time.
SD1PW[3:0] Secondary Drive 1 Active Pulse Width.
SD0RT[3:0] Secondary Drive 0 Minimum Recovery Time.
SD0PW[3:0] Secondary Drive 0 Active Pulse Width.
PD1RT[3:0] Primary Drive 1 Minimum Recovery Time.
PD1PW[3:0] Primary Drive 1 Active Pulse Width.
PD0RT[3:0] Primary Drive 0 Minimum Recovery Time.
PD0PW[3:0] Primary Drive 0 Active Pulse Width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com