Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 18Page - Advanced Micro Devices AMD-766 Datasheet HTML 19Page - Advanced Micro Devices AMD-766 Datasheet HTML 20Page - Advanced Micro Devices AMD-766 Datasheet HTML 21Page - Advanced Micro Devices AMD-766 Datasheet HTML 22Page - Advanced Micro Devices AMD-766 Datasheet HTML 23Page - Advanced Micro Devices AMD-766 Datasheet HTML 24Page - Advanced Micro Devices AMD-766 Datasheet HTML 25Page - Advanced Micro Devices AMD-766 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
22
4.6
System Management Logic
System management includes logic for most of the multiplexed-function pins—such as general-purpose IO (GPIO)
pins, the power management (PM) pins, system management bus (SMBus) pins, the processor interface pins, and the
plug and play (PNP) interrupt pins—as well as the logic required for ACPI-compliant power management for
desktop and mobile systems. Programmable register access to most of this logic is contained in the C3Axx
configuration space and the PMxx IO space. Here are the major functions:
•
ACPI interrupt (SCI or SMI based on the state of PM04[SCI_EN] status bits and enables.
•
SMI status bits and enables.
•
System power state machine (SPSM).
•
Resume event logic (to place the SPSM into the full-on state).
•
SMBus.
•
System power state control pins and general purpose pins.
•
Hardware traps.
•
System inactivity timer.
•
Serial IRQ logic.
4.6.1
Power Management
The following table summarizes all the system management events that are detected by the system management logic
and the hardware response enable registers. The columns are STS, where the status bits are accessible, EVT, where
the grouped status bits may be read, SCI/SMI EN, where ACPI interrupts may be enabled, SMI_EN, where the SMI
interrupts may be enabled, SIT_EN, where the events may be enabled to reload the system inactivity timer, and the
resume columns which show where the registers to enable the resume events from C2, C3, POS, STD, STR, and
SOFF to FON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com