Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 11Page - Advanced Micro Devices AMD-766 Datasheet HTML 12Page - Advanced Micro Devices AMD-766 Datasheet HTML 13Page - Advanced Micro Devices AMD-766 Datasheet HTML 14Page - Advanced Micro Devices AMD-766 Datasheet HTML 15Page - Advanced Micro Devices AMD-766 Datasheet HTML 16Page - Advanced Micro Devices AMD-766 Datasheet HTML 17Page - Advanced Micro Devices AMD-766 Datasheet HTML 18Page - Advanced Micro Devices AMD-766 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
15
The IC also includes the following internal power plane.
VDD_AL. VDD always. This is an internal plane. It is supplied by VDD_AUX when that plane is valid or by
VDD_RTC when VDD_AUX is not valid. VDD_AL powers the real-time clock and some system management
circuitry. The pins powered by VDD_AL are: RTCX_IN, RTCX_OUT, INTRUDER#.
4
Functional Operation
The IC connects to the host memory controller through PCI bus interface as described in section 1.1.
The IC supports processor accesses to BIOS on either the ISA bus or the LPC bus as specified by the ISABIOS pin.
See section 5.1 for details about the software view of the IC. See section 5.1.2 for a description of the register naming
convention.
4.1
Overview
4.1.1
Resets
The IC generates an internal reset for the VDD_AUX power plane called RST_SOFT. RST_SOFT lasts for about 30
milliseconds after the VDD_AUX plane is greater than 2.5 volts. See section 4.6.1.5.1 for details.
PWRGD is the source of reset for some of the IC’s VDD3 logic. From this signal, RESET# and CPURST# are
derived. See section 4.6.1.5.1 for details.
It is possible to generate system resets via C0A47[SWPCIR].
Various system resets may be initiated through PORTCF9.
It is also possible to reset the processor (without clearing the cache) with an INIT interrupt through the keyboard
controller via KBRC#, the PORT92 register, or from a PCI-defined shutdown special cycle from the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com