Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 56Page - Advanced Micro Devices AMD-766 Datasheet HTML 57Page - Advanced Micro Devices AMD-766 Datasheet HTML 58Page - Advanced Micro Devices AMD-766 Datasheet HTML 59Page - Advanced Micro Devices AMD-766 Datasheet HTML 60Page - Advanced Micro Devices AMD-766 Datasheet HTML 61Page - Advanced Micro Devices AMD-766 Datasheet HTML 62Page - Advanced Micro Devices AMD-766 Datasheet HTML 63Page - Advanced Micro Devices AMD-766 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
60
PWRFL_STS. Power failure status. Read; updated by hardware; write 1 to LSB to reset to 4h. If power fails
(system enters MOFF or PWRGD goes from 1 to 0 while PWRON# is asserted), then this register captures and
retains the state the system was in when the failure occurred. This field resides on the VDD_AL plane. This field
defaults to 4h when VDD_AL becomes valid. Writing a one to C3A43[3] sets this field to 4h; writing a zero to
C3A43[3] or writing any value to any other bits in this field has no effect. This field is encoded as follows:
PWRFL_STS Power state
PWRFL_STS Power state
0h
FON full on
4h
No AC power failure
1h
POS power on suspend
5h
STR suspend to RAM
2h
C2
6h
STD suspend to disk
3h
C3
7h
SOFF soft off
G3TOS5. Mechanical off (G3) to soft off (S5). Read-write. 0=When power is a applied to the VDD_AUX plane,
the system automatically transitions to the FON state. 1=When power is a applied to the VDD_AUX plane, the
system enters the SOFF state. This bit resides on the VDD_AL power plane. When VDD_AL becomes valid, this bit
defaults to 0. When there is a PCIRST# generated by a write to PORTCF9[RSTCMD, SYSRST] == 11b, then this is
cleared.
VDDA_STS. VDD_AL reset status. Read; set by hardware; write 1 to clear. 1=VDD_AL became invalid. This bit
resides on the VDD_AL power plane.
C3A44: PNP IRQ Select Register
Configuration space; function 3; offset: 45-44h. Default: 0000h. Read-write.
Bits[11:0] assign PNPIRQ[2:0] pins to IRQs that are routed to interrupt controllers. See section 4.3.4.1 for more
details.
15
14:12
11:8
7:4
3:0
TCO_INT_EN
TCO_INT_SEL IRQ2SEL
IRQ1SEL
IRQ0SEL
IRQ0SEL. PNPIRQ0 interrupt select. This selects the IRQ number for PNPIRQ0. IRQ0, IRQ2, IRQ8, and IRQ13
are reserved. If PMD2 does not select the PNPIRQ0 function then this field has no effect.
IRQ1SEL. PNPIRQ1 interrupt select. This selects the IRQ number for PNPIRQ1. IRQ0, IRQ2, IRQ8, and IRQ13
are reserved. If PMD3 does not select the PNPIRQ1 function then this field has no effect.
IRQ2SEL. PNPIRQ2 interrupt select. This selects the IRQ number for PNPIRQ2. IRQ0, IRQ2, IRQ8, and IRQ13
are reserved. If PMF4 does not select the PNPIRQ2 function then this field has no effect.
TCO_INT_SEL. TCO interrupt select. Specifies the IRQ line asserted by either PM46[INTRDR_STS] (if
PM4A[INTRDR_SEL] selects IRQ) or PM44[TCO_INT_STS]. Note: If PM22[TCOSCI_EN] is set, then this field
is has no effect. Note: if one of IRQ[11:9] is selected, then the PIC is required to be programmed as level sensitive
for this interrupt. This field is encoded as follows:
TCO_INT_SEL Interrupt
TCO_INT_SEL Interrupt
0
IRQ9
4
APIC IRQ20
1
IRQ10
5
APIC IRQ21
2
IRQ11
6
APIC IRQ22
3
Reserved
7
APIC IRQ23
TCO_INT_EN. TCO interrupt enable. 1=Enable TCO IRQ selected by C3A44[TCO_INT_SEL] (if
PM22[TCOSCI_EN] = 0).
C3A46: PNP DMA and Chip Select Register
Configuration space; function 3; offset: 47-46h. Default: 0000h. Read-write.
15
14
13
12
11
10:9
8
Reserved
Reserved
Reserved
CS1UBM
CS0UBM
IRQ12_SEL
Reserved
76:4
321
0
Reserved
Reserved
CS1MEM
CS1IO
CS0MEM
CS0IO
CS0IO. PNPCS0# IO space selection. 1=PNPCS0# is asserted during accesses to the IO addresses specified by
programmable IO range monitor 3 (C3A46[CS0UBM], C3AC8, and C3ACC) and PCI accesses to this range are
claimed by the IC and routed to the ISA bus. If the PNPCS0# function is not selected by PMF6, then this bit has no
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com