Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 76Page - Advanced Micro Devices AMD-766 Datasheet HTML 77Page - Advanced Micro Devices AMD-766 Datasheet HTML 78Page - Advanced Micro Devices AMD-766 Datasheet HTML 79Page - Advanced Micro Devices AMD-766 Datasheet HTML 80Page - Advanced Micro Devices AMD-766 Datasheet HTML 81Page - Advanced Micro Devices AMD-766 Datasheet HTML 82Page - Advanced Micro Devices AMD-766 Datasheet HTML 83Page - Advanced Micro Devices AMD-766 Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
80
Bit[11] PCMCIA1_TRP_STS. PCMCIA1 access trap status.
Bit[12] PCMCIA2_TRP_STS. PCMCIA2 access trap status.
Bit[13] USB_TRP_STS. USB access or activity trap status. This bit is set high by the hardware wen a USB control,
isochronous, interrupt, or bulk transfer has been attempted (at the end of the transfer across the USB bus).
Bit[14] PRM1_TRP_STS. Programmable IO range monitor 1 access trap status.
Bit[15] PRM2_TRP_STS. Programmable IO range monitor 2 access trap status.
Bit[16] PRM3_TRP_STS. Programmable IO range monitor 3 access trap status.
Bit[17] PRM4_TRP_STS. Programmable IO range monitor 4 access trap status.
Bit[18] PMM1_TRP_STS. Programmable memory range monitor 1 access trap status.
Bit[19] PMM2_TRP_STS. Programmable memory range monitor 2 access trap status.
PMAC: Hardware Trap Enable Register
IO mapped (base pointer: C3A58); offset: AF-ACh. Default: 0000_0000h. Read-write.
For each of these bits: 1=enable the corresponding bit in the hardware trap status register, PMA8, to generate SMI or
SCI interrupts (based on the state of PM04[SCI_EN]). Also, when an enabled status bit is set, PM28[TRP_EVT] is
asserted.
31:20
19:0
Reserved
Enable bits
Bit[0] DPM_TRP_EN. IDE primary master port access trap enable.
Bit[1] DPS_TRP_EN. IDE primary slave port access trap enable.
Bit[2] DSM_TRP_EN. IDE secondary master port access trap enable.
Bit[3] DSS_TRP_EN. IDE secondary slave port access trap enable.
Bit[4] FDD_TRP_EN. Floppy disk drive access trap enable.
Bit[5] LPT_TRP_EN. Parallel port (LPT) access trap enable.
Bit[6] CMA_TRP_EN. Serial port A (COM A) access trap enable.
Bit[7] CMB_TRP_EN. Serial port B (COM B) access trap enable.
Bit[8] AUD_TRP_EN. Audio functions access trap enable.
Bit[9] VID_TRP_EN. Video functions access trap enable.
Bit[10] KBM_TRP_EN. Keyboard and mouse access trap enable.
Bit[11] PCMCIA1_TRP_EN. PCMCIA1 access trap enable.
Bit[12] PCMCIA2_TRP_EN. PCMCIA2 access trap enable.
Bit[13] USB_TRP_EN. USB access or activity trap enable.
Bit[14] PRM1_TRP_EN. Programmable range monitor 1 access trap enable.
Bit[15] PRM2_TRP_EN. Programmable range monitor 2 access trap enable.
Bit[16] PRM3_TRP_EN. Programmable range monitor 3 access trap enable.
Bit[17] PRM4_TRP_EN. Programmable range monitor 4 access trap enable.
Bit[18] PMM1_TRP_EN. Programmable memory range monitor 1 access trap enable.
Bit[19] PMM2_TRP_EN. Programmable memory range monitor 2 access trap enable.
PMB0: Hardware Trap Reload Enable For System Inactivity Timer Register
IO mapped (base pointer: C3A58); offset: B3-B0h. Default: 0000_0000h. Read-write.
For bits[19:0]: 1=enables the corresponding hardware trap in PMA8 to reload the system inactivity timer.
31:22
21:0
Reserved
Reload enable bits
Bit[0] DPM_TRP_RLEN. IDE primary master port access trap causes reload of system inactivity timer.
Bit[1] DPS_TRP_RLEN. IDE primary slave port access trap causes reload of system inactivity timer.
Bit[2] DSM_TRP_RLEN. IDE secondary master port access trap causes reload of system inactivity timer.
Bit[3] DSS_TRP_RLEN. IDE secondary slave port access trap causes reload of system inactivity timer.
Bit[4] FDD_TRP_RLEN. Floppy disk drive access trap causes reload of system inactivity timer.
Bit[5] LPT_TRP_RLEN. Parallel port (LPT) access trap causes reload of system inactivity timer.
Bit[6] CMA_TRP_RLEN. Serial port A (COM A) access trap causes reload of system inactivity timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com