Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 55Page - Advanced Micro Devices AMD-766 Datasheet HTML 56Page - Advanced Micro Devices AMD-766 Datasheet HTML 57Page - Advanced Micro Devices AMD-766 Datasheet HTML 58Page - Advanced Micro Devices AMD-766 Datasheet HTML 59Page - Advanced Micro Devices AMD-766 Datasheet HTML 60Page - Advanced Micro Devices AMD-766 Datasheet HTML 61Page - Advanced Micro Devices AMD-766 Datasheet HTML 62Page - Advanced Micro Devices AMD-766 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
59
C3A41: General Configuration 2 Register
Configuration space; function 3; offset: 41h. Default: 40h.
76
54
3
2
1
0
PMIOEN
TMRRST
PCF9EN
PBIN
TMR32
NO_REBOOT STPGNT
W4SG
W4SG. Wait for stop-grant before deasserting STPCLK#. Read-write. 1=After STPCLK# is asserted for any
reason, it is not deasserted until the corresponding stop-grant cycle is received.
STPGNT. PCI stop-grant cycle specification. Read-write. 0=Stop-grant cycles are detected by the IC as PCI special
cycles in which the address phase AD[4]=1. 1=Stop-grant cycles are detected by the IC as PCI special cycles in
which the data phase AD[31:0]=0012_0002h.
NO_REBOOT. Do not reboot the system when a double TCO timer time out occurs. Read-write. 0=Reboot system
with as specified by PORTCF9[FULLRST] when PM46[2NDTO_STS] is set. 1=Do not reboot the system.
TMR32. ACPI timer size selection. Read-write. 0=The ACPI timer, PM08, is 24 bits. 1=The ACPI timer is 32
bits.
PBIN. Power button in. Read only. This bit reflects the current state of the PWRBTN# pin (before the debounce
circuit). 0=PWRBTN# is asserted.
PCF9EN. Port CF9 enable. Read-write. 1=Enable access to PORTCF9.
TMRRST. ACPI timer reset. Read-write. 1=The ACPI timer, PM08, is held in the asynchronously cleared state.
0=The timer is enabled to count.
PMIOEN. System management IO space enable. Read-write. 1=PMxx, The IO space specified by C3A58, is
enabled.
C3A42: SCI Interrupt Configuration
Configuration space; function 3; offset: 42h. Default: 00h. Read-write.
76
543:0
Reserved
Reserved
TRAPSCI
GPIOSCI
SCISEL
SCISEL. SCI interrupt selection. This field specifies the IRQ number routed to the interrupt controllers used for
ACPI-defined SCI interrupts. A value of 0h disables SCI interrupts. Values of 2h, 8h, and Dh are reserved. When
C0A4B[SCI2IOA] is high, the value in this register is ignored and SCI does not enter the PIC. All other values are
valid. See section 4.3.4.1 for details about SCI interrupt routing.
GPIOSCI. General purpose IO SCI enable. 1=Enable SCI/SMI (based on the state of PM04[SCI_EN]) interrupts
when status bits in PMD4 are set while enabled by PMD8. This bit has no affect on whether SMI interrupts are
generated via PM2A[GPIOSMI_EN].
TRAPSCI. Trap SCI enable. 1=Enable SCI/SMI (based on the state of PM04[SCI_EN]) interrupts when status bits
in PMA8 are set while enabled by PMAC. This bit has no affect on whether SMI interrupts are generated via
PM2A[TRPSMI_EN].
C3A43: Power State Register
Configuration space; function 3; offset: 43h.
76
5:3
2:0
VDDA_STS G3TOS5
PWRFL_STS
PPSTATE
PPSTATE. Previous power state. Read only. This field holds the most previous power state from which the system
entered the FON state. This field resides on the VDD_AUX power plane. This field is encoded as follows:
PPSTATE
Power state
PPSTATE
Power state
0h
Reserved
4h
MOFF mechanical off
1h
POS power on suspend
5h
STR suspend to RAM
2h
C2
6h
STD suspend to disk
3h
C3
7h
SOFF soft off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com