Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 59Page - Advanced Micro Devices AMD-766 Datasheet HTML 60Page - Advanced Micro Devices AMD-766 Datasheet HTML 61Page - Advanced Micro Devices AMD-766 Datasheet HTML 62Page - Advanced Micro Devices AMD-766 Datasheet HTML 63Page - Advanced Micro Devices AMD-766 Datasheet HTML 64Page - Advanced Micro Devices AMD-766 Datasheet HTML 65Page - Advanced Micro Devices AMD-766 Datasheet HTML 66Page - Advanced Micro Devices AMD-766 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
63
C3A50: Power State Pin Control Register
Configuration space; function 3; offset: 53-50h. Default: 1800_0000h. Read-write.
The bits[23:0] of this register specify the output pins controlled during C2, C3, and POS transitions. Each byte
provides the enables for each low-power states. C2 is specified by bits[7:0], C3 is specified by bits [15:8], and POS is
specified by bits[23:16]. See section 4.6.1.5 for timing details.
Note: The reserved bits in this register are read-write accessible, however they control no hardware.
31
30
29
28
27:25
24
APIC_POSEN
Reserved
TTHLOCK
TTH_EN
TTH_RATIO
PITRSM#
23
22
21
20
19
18
17
16
CRST_POSEN
SUSP_POSEN
CSLP_POSEN
PSTP_POSEN
CSTP_POSEN
POSEN
DCST_POSEN
ZZ_POSEN
15
14
13
12
11
10
9
8
CRST_C3EN
SUSP_C3EN
CSLP_C3EN
PSTP_C3EN
CSTP_C3EN
C3EN
DCST_C3EN
ZZ_C3EN
765
43210
CRST_C2EN
SUSP_C2EN
CSLP_C2EN
PSTP_C2EN
CSTP_C2EN
C2EN
DCST_C2EN
ZZ_C2EN
ZZ_[POS,C3,C2]EN. Enable CACHE_ZZ assertion to the L2 cache during power management. 1=Enable control
of the CACHE_ZZ pin during the specified C2, C3, and POS states. 0=CACHE_ZZ is not asserted. This bit has no
effect if the PMC8 does not select the CACHE_ZZ function.
DCST_[POS,C3,C2]EN. Enable DCSTOP# assertion to the DRAM controller during power management.
1=Enable control of the DCSTOP# pin during the specified C2, C3, and POS states. 0=DCSTOP# is not asserted.
[POS,C3,C2]EN. Enable STPCLK# during power management. 1=Enable control of the STPCLK# pin during the
specified C2, C3, and POS states. 0=STPCLK# is not asserted during C2, C3, and POS. This bit required to be set
for any of the other bits in this register’s byte to function (i.e., if STPCLK# is not asserted for a given power state,
then no other power management control signals are asserted for that power state).
CSTP_[POS,C3,C2]EN. Enable CPUSTOP# assertion to the external PLL during power management. 1=Enable
control of the CPUSTOP# pin during the specified C2, C3, and POS states. 0=CPUSTOP# is not asserted. This bit
has no effect if the PMC6 does not select the CPUSTOP# function.
PSTP_[POS,C3,C2]EN. Enable PCISTOP# assertion to the external PLL during power management. 1=Enable
control of the PCISTOP# pin during the specified C2, C3, and POS states. 0=PCISTOP# is not asserted. This bit
has no effect if the PMC7 does not select the PCISTOP# function.
CSLP_[POS,C3,C2]EN. Enable CPUSLEEP# assertion to the processor during power management. 1=Enable
control of the CPUSLEEP# pin during the specified C2, C3, and POS states. 0=CPUSLEEP# is not asserted. This
bit has no effect if the PMC5 does not select the CPUSLEEP# function.
SUSP_[POS,C3,C2]EN. Enable SUSPEND# assertion during power management. 1=Enable control of the
SUSPEND# pin during the specified C2, C3, and POS states. 0=SUSPEND# is always high. This bit has no effect if
the PMC4 does not select the SUSPEND# function.
CRST_[POS,C3,C2]EN. Enable assertion of CPURST# during transition to FON. 1=Enables assertion of the
CPURST# pin during the transition to FON from the specified C2, C3, and POS states. 0=CPURST# is not asserted
during the specified transition. This bit should not be set unless the corresponding SUSP_[POS,C3,C2]EN bit is set
(i.e., processor resets are only allowed if SUSPEND# gets asserted).
PITRSM#. Enable the PIT to generate interrupts during POS. 1=Legacy PIT does not generate IRQ0 while in POS,
starting from the time that the command to enter POS is sent to PM04. This is necessary to prevent timer-tick
interrupts from resuming the system while in POS. 0=PIT generates IRQ0 while in POS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com