Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 71Page - Advanced Micro Devices AMD-766 Datasheet HTML 72Page - Advanced Micro Devices AMD-766 Datasheet HTML 73Page - Advanced Micro Devices AMD-766 Datasheet HTML 74Page - Advanced Micro Devices AMD-766 Datasheet HTML 75Page - Advanced Micro Devices AMD-766 Datasheet HTML 76Page - Advanced Micro Devices AMD-766 Datasheet HTML 77Page - Advanced Micro Devices AMD-766 Datasheet HTML 78Page - Advanced Micro Devices AMD-766 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
75
PM2A Global SMI Enable Register
IO mapped (base pointer: C3A58); offset: 2B-2Ah. Default: 0000h. Read-write.
Each of the bits in this register enable SMI# interrupts for the specified status register. For each of these bits:
1=Enable the specified event to generate an SMI interrupt, regardless as to the state of PM04[SCI_EN].
15
14
13
12
11
10
9
8
Reserved
RISMI_EN
SLPBTN_EN
PWRBTN_EN SMBUS_EN
THMSMI_EN EXTSMI_EN
PMESMI_EN
765
43210
SWISMI_EN
BIOSSMI_EN SITSMI_EN
USBSMI_EN
GPIOSMI_EN PM1SMI_EN
TCO_EN
TRPSMI_EN
TRPSMI_EN. Hardware trap SMI enable. An SMI is generated if PM28[TRP_EVT] is asserted.
TCO_EN. TCO SMI interrupt enable. An SMI is generated if PM28[TCO_EVT] is asserted. Note: If
PM48[NMI2SMI_EN] is set, then PM44[NMI2SMI_STS] generates SMI interrupts regardless of the state of this bit.
Even if the TCO_EN bit is 0, NMIs are still routed to generate SMI interrupts.
PM1SMI_EN. Power management 1 SMI enable. An SMI is generated if PM28[PM1_EVT] is asserted.
GPIOSMI_EN. GPIO interrupt SMI enable. An SMI is generated if PM28[GPIO_EVT] is asserted.
USBSMI_EN. USB transfer or resume event enable. An SMI is generated if any of PM24[4:0] is asserted while
being enabled by the corresponding bits in PM25[4:0].
SITSMI_EN. System inactivity timer time out SMI enable. An SMI is generated if PM20[SIT_STS] is asserted.
BIOSSMI_EN. BIOS SMI enable. An SMI is generated if PM28[BIOS_STS] is asserted.
SWISMI_EN. Software SMI enable. An SMI is generated if PM28[SWI_STS] is asserted.
PMESMI_EN. PME# pin SMI enable. An SMI is generated if PM20[PME_STS] is asserted.
EXTSMI_EN. External SMI pin SMI enable. An SMI is generated if PM20[EXTSMI_STS] is asserted.
THMSMI_EN. THERM# pin SMI enable. An SMI is generated if PM20[THERM_STS] is asserted.
SBUS_EN. SMBus event enable. An SMI is generated if PM28[SMBUS_EVT] goes high.
PWRBTN_EN. PWRBTN# pin SMI enable. An SMI is generated if PM00[PWRBTN_STS] is asserted.
SLPBTN_EN. SLPBTN# pin SMI enable. An SMI is generated if PM00[SLPBTN_STS] is asserted.
RISMI_EN. RI# pin SMI enable. An SMI is generated when PM20[RI_STS] is asserted.
PM2C: Global SMI Control Register
IO mapped (base pointer: C3A58); offset: 2D-2Ch. Default: 0000h.
15:6
5432
10
Reserved
SMIACT
SMILK
EOS
Reserved
BIOS_RLS SMI_EN
SMI_EN. SMI enable control. Read-write. 1=Enable SMI generation. 0=SMI disabled (however, if SMIACT is set
and SMI_EN is cleared, then SMI# remains asserted until SMIACT is cleared).
BIOS_RLS. BIOS SCI/SMI lock release. Read; write 1 only; cleared by hardware. 1=The SCI/SMI lock has been
released. When this bit is set high, PM00[GBL_STS] is set high by the hardware. BIOS_RLS is cleared by the
hardware when PM00[GBL_STS] is cleared by software. Note that if PM02[GBL_EN] is set, then setting this bit
generates an SCI interrupt.
EOS. End of SMI. Write 1 only. Writing a 1 to this bit forces the SMI# pin to be deasserted for 4 PCI clocks. This
bit always reads as a 0.
SMILK. SMI lock control. Read-write. 1=The SMI# pin is locked into the active state after it is asserted. The
latch is controlled by SMIACT. 0=The SMI# pin is not internally latched.
SMIACT. SMI active. Read; set by hardware; write 1 to clear. This bit is set high by the hardware on the asserting
edge of SMI#. If SMILK is high, then SMIACT holds the SMI# pin in the active state. If SMILK is low, then
SMIACT has no effect on the SMI# pin.
PM2F: Software SMI Trigger Register
IO mapped (base pointer: C3A58); offset: 2Fh. Default: 00h. Read-write.
7:0
SMI_CMD
SMI_CMD. SMI command. Writes to this register set PM28[SWI_STS]. Reads of this register provide the data
last written to it. Note: This register is identically accessible from offset 1Eh as well (PM1E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com