Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 49Page - Advanced Micro Devices AMD-766 Datasheet HTML 50Page - Advanced Micro Devices AMD-766 Datasheet HTML 51Page - Advanced Micro Devices AMD-766 Datasheet HTML 52Page - Advanced Micro Devices AMD-766 Datasheet HTML 53Page - Advanced Micro Devices AMD-766 Datasheet HTML 54Page - Advanced Micro Devices AMD-766 Datasheet HTML 55Page - Advanced Micro Devices AMD-766 Datasheet HTML 56Page - Advanced Micro Devices AMD-766 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
53
C1A4C: EIDE Controller Cycle Time and Address Setup Time Register
Configuration space; function 1; offset: 4F-4Ch. Default: FFFF 00FFh. Read-write.
For bits[7:0] the value in each 2-bit field, plus one, specifies the address setup time in 30 nanosecond PCI clocks; this
applies to all PIO and multi-word DMA cycles. For bits[31:16] the value in each 4-bit field, plus one, specifies the
time in 30 nanosecond PCI clocks; this applies address ports 171h though 177h, 1F1h though 1F7h, 376h, and 3F6h.
For 170h and 1F0h, see C1A48.
31:28
27:24
23:20
19:16
15:8
7:6
5:4
3:2
1:0
PXPW
PXRT
SXPW
SXRT
Reserved
P0ADD
P1ADD
S0ADD
S1ADD
S1ADD[1:0] Secondary Drive 1 Address Setup Time.
S0ADD[1:0] Secondary Drive 0 Address Setup Time.
P1ADD[1:0] Primary Drive 1 Address Setup Time.
P0ADD[1:0] Primary Drive 0 Address Setup Time.
SXRT[3:0] Secondary Non-170 DIOR#/DIOW# Recovery Time.
SXPW[3:0] Secondary Non-170 DIOR#/DIOW# Active Pulse Width.
PXRT[3:0] Primary Non-1F0 DIOR#/DIOW# Recovery Time.
PXPW[3:0] Primary Non-1F0 DIOR#/DIOW# Active Pulse Width.
C1A50: EIDE Controller UDMA Extended Timing Control Register
Configuration space; function 1; offset: 53-50h. Default: 0303 0303h.
Each byte of this register controls UDMA mode for access to the specified drive. Bits[7:0] specify the secondary
slave drive; bits[15:8] specify the secondary master drive; bits[23:16] specify the primary slave drive; and bits[31:24]
specify the primary master drive.
31:24
23:16
15:8
7:0
P0UDMA
P1UDMA
S0UDMA
S1UDMA
[P0, P1, S0, S1]UDMA[2:0] [Primary, Secondary] Drive [1,0] Cycle Time, [P0, P1, S0, S1]CYCT. Read-write.
Bits[2:0]
UDMA mode
Cycle time
0
UDMA mode 2
60 nanoseconds
1
UDMA mode 1
90 nanoseconds
2
UDMA mode 0
120 nanoseconds
3
Slow UDMA mode 0
150 nanoseconds
4
UDMA mode 3
45 nanoseconds
5
UDMA mode 4
30 nanoseconds
6
UDMA mode 5
20 nanoseconds
[P0, P1, S0, S1]UDMA[5:3]. Read only. These bits are fixed at their default values.
[P0, P1, S0, S1]UDMA[6] [Primary, Secondary] Drive [1,0] Ultra DMA Mode Enable,
[P0, P1, S0, S1]UDMAEN. Read-write. 1=Enable UDMA mode.
[P0, P1, S0, S1]UDMA[7] [Primary, Secondary] Drive [1,0] Ultra DMA Mode Enable Method,
[P0, P1, S0, S1]ENMODE. Read-write. 1=Enable UDMA mode by setting bit 6 of this register. 0=Enable UDMA
mode by detecting the “Set Feature” ATA command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com