Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 36Page - Advanced Micro Devices AMD-766 Datasheet HTML 37Page - Advanced Micro Devices AMD-766 Datasheet HTML 38Page - Advanced Micro Devices AMD-766 Datasheet HTML 39Page - Advanced Micro Devices AMD-766 Datasheet HTML 40Page - Advanced Micro Devices AMD-766 Datasheet HTML 41Page - Advanced Micro Devices AMD-766 Datasheet HTML 42Page - Advanced Micro Devices AMD-766 Datasheet HTML 43Page - Advanced Micro Devices AMD-766 Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
40
ASIO. Alternate super IO configuration. 1=Alternate super IO configuration IO ports, 4Eh - 4Fh, are routed to the
LPC bus. 0=These accesses are routed to the ISA bus.
C0A55: LPC Bus Decode Register 4
Configuration space; function 0; offset: 55h. Default: 00h. Read-write.
7:5
4
3:0
Reserved
GP1EN
GP1RANGE
GP1RANGE. Game port 1 range. Selects one byte of IO address space in the range 200h - 20Fh (where
GP1RANGE specifies the four LSBs of the address) that is routed to the LPC bus.
GP1EN. Game port 1 enable. 1=Game port 1 accesses specified by the GP1RANGE field in this register are routed
to the LPC bus. 0=These accesses are routed to the ISA bus.
C0A56: LPC Bus Decode Register 5
Configuration space; function 0; offset: 56h. Default: 00h. Read-write.
7:5
4
3:0
Reserved
GP2EN
GP2RANGE
GP2RANGE. Game port 2 range. Selects one byte of IO address space in the range 200h - 20Fh (where
GP2RANGE specifies the four LSBs of the address) that is routed to the LPC bus.
GP2EN. Game port 2 enable. 1=Game port 2 accesses specified by the GP2RANGE field in this register are routed
to the LPC bus. 0=These accesses are routed to the ISA bus.
C0A58: LPC Bus Generic IO Decode Register
Configuration space; function 0; offset: 5B-58h. Default: 0000_DE01h. Read-write.
31:16
15:9
8:0
Reserved
IOBASE
Reserved
IOBASE. Generic IO base address. Specifies bits [15:9] of the base address for a 512-byte generic IO address range
that is routed to the LPC bus. This function is disabled if IOBASE is set to 00h.
C0A5C: LPC Bus Generic Memory Decode Register
Configuration space; function 0; offset: 5F-5Ch. Default: 0000_0000h. Read-write.
31:20
19:0
MEMBASE
Reserved
MEMBASE. Generic memory base address. Specifies bits [31:20] of the base address for a 1-megabyte generic
memory address range that is routed to the LPC bus. This function is disabled if MEMBASE is set to 000h.
C0A70: Device and Subsystem ID Read-Write Register
Configuration space; function 0; offset: 73-70h. Default: 0000_0000h. Read-write.
31:16
15:0
SSID
SSVENDORID
SSVENDORID and SSID. Subsystem vendor ID and Subsystem ID. The value placed in this register is visible in
C0A2C, C1A2C, C3A2C, and C4A2C.
C0A80/C0A84/C0A88: BIOS Access Control Register
Configuration space; function 0; offset: 8B-80h. Default: 0000_0000h. Read-write. These registers include 24 4-bit
registers called OAR (open at reset) locks. Each 4-bit register applies to a sector of the BIOS in the 5 megabyte
BIOS range at the top of the 4-gigabyte address space as follows:
C0A84 and C0A80 include 16 four-bit lock registers, OARx where x ranges from 0h to Fh; each four-bit register
controls a 64Kbyte address range at the top megabyte of memory as follows: [FFF(x)_FFFFh: FFF(x)_0000h].
C0A88 includes 8 four-bit lock registers, OARx where x ranges as [E, C, A, 8, 6, 4, 2, 0]; each four-bit register
controls an 8Kbyte address range as follows: [FFBF_(x+1)FFFh: FFBF_(x)000h].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com