Electronic Components Datasheet Search
  English  ▼

X  

AMD-766 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 60Page - Advanced Micro Devices AMD-766 Datasheet HTML 61Page - Advanced Micro Devices AMD-766 Datasheet HTML 62Page - Advanced Micro Devices AMD-766 Datasheet HTML 63Page - Advanced Micro Devices AMD-766 Datasheet HTML 64Page - Advanced Micro Devices AMD-766 Datasheet HTML 65Page - Advanced Micro Devices AMD-766 Datasheet HTML 66Page - Advanced Micro Devices AMD-766 Datasheet HTML 67Page - Advanced Micro Devices AMD-766 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
64
TTH_RATIO. Thermal throttling duty cycle. These specify the duty cycle of the STPCLK# signal to the processor
when the system is in thermal throttling mode (initiated by the THERM# pin when enabled by TTH_EN). The field
is encoded as follows:
RATIO bits
Description
RATIO bits
Description
000b
Reserved.
100b
50.0% STPCLK# active.
001b
87.5% STPCLK# active.
101b
37.5% STPCLK# active.
010b
75.0% STPCLK# active.
110b
25.0% STPCLK# active.
011b
62.5% STPCLK# active.
111b
12.5% STPCLK# active.
TTH_EN. Thermal throttling enable. 1=When THERM# is asserted, thermal throttling (duty cycle specified by
TTH_RATIO) is enabled. Thermal throttling has priority over normal throttling (see PM10); however, it is disabled
if the system is in C2, C3, POS, STR, STD, or SOFF. 0=Thermal throttling disabled.
TTHLOCK. Thermal throttling lock. Write 1 only. 1=Writes to TTH_EN and TTH_RATIO are disabled. Once
set, this bit cannot be cleared by software. It is cleared by PCIRST#. Note: TTH_EN and TTH_RATIO are allowed
to change during the write command that sets TTHLOCK high.
APIC_POSEN. APIC interrupt message bus PICCLK enable during POS state. 1=PICCLK continues operation
during the POS state. 0=PICCLK is driven low after the stop-grant cycle while going into the POS suspend state.
C3A54: PCI IRQ Edge-Or-Level Select Register
Configuration space; function 3; offset: 54h. Default: 00h. Read-write.
7:4
321
0
Reserved
EDGEPID
EDGEPIC
EDGEPIB
EDGEPIA
EDGEPI[D,C,B,A]. Edge triggered interrupt selects for PCI interrupts. Each of these controls the corresponding
PCI interrupt pin, PIRQ[D,C,B,A]#, polarity in the interrupt routing logic (see section 4.3.4.1 for details). 0=The
PIRQ[D,C,B,A]# signals are assumed to be active low and level triggered. 1=The signals are assumed to be active
low and edge triggered such that the falling edge of the external signals results in rising edges to the PIC. Note:
When these bits are high, the corresponding serial IRQ PCI interrupts are disabled.
C3A56: PCI IRQ Routing Register
Configuration space; function 3; offset: 57-56h. Default: 0000h. Read-write.
15:12
11:8
7:4
3:0
PIRQD# Select
PIRQC# Select
PIRQB# Select
PIRQA# Select
PIRQ[D,C,B,A]# Selects. These map the PCI IRQ pins to the internal ISA-bus-compatible interrupt controller (see
section 4.3.4.1 for details). The fields are encoded as follows:
PIRQ[D,C,B,A]# Selects
Selected IRQ
PIRQ[D,C,B,A]# Selects
Selected IRQ
0h
None
8h
Reserved
1h
IRQ1
9h
IRQ9
2h
Reserved
Ah
IRQ10
3h
IRQ3
Bh
IRQ11
4h
IRQ4
Ch
IRQ12
5h
IRQ5
Dh
Reserved
6h
IRQ6
Eh
IRQ14
7h
IRQ7
Fh
IRQ15
C3A58: System Management IO Space Pointer
Configuration space; function 3; offset: 5B-58h. Default: 0000_DD01h.
31:16
15:8
7:0
Reserved
PMBASE
PMBLSB
PMBASE. Read-write. Specifies PCI address bits[15:8] of the 256-byte block of IO-mapped registers used for
system management (address space PMxx). Access to this address space is enabled by C3A41[PMIOEN].
PMBLSB. Read only. These bits are fixed in their default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com