Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 12Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 13Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 14Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 15Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 16Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 17Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 18Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
10
CIRCUIT DESCRIPTION
Phase/Frequency Detector Operation
L261_H
Phase/Frequency Detector Operation
The phase comparator compares the phase of the falling edge of the noise-gated
CSYNC* and generated HSYNC. The HSYNC can be either internally generated
(and optionally output onto the HSYNC pin) or an external HSYNC signal can be
input via the HSYNC pin.
Two Forms of Noise Gating Available
The Bt261 offers two forms of noise gating to remove half-line serration and
equalization pulses during the vertical interval, which can cause loop disturbances
and wavering at the beginning of the displayed field. The first is a digital noise gate
that is programmed in pixel clock events following the falling edge of composite
sync. The noise-gate start must occur before the halfway point (HCOUNT/2). The
noise-gate stop value must relate to a clock count a maximum distance from the
end of line, defined as one half the minimum width of the serration pulse, less 500
ns. One half the equalization pulse provides the maximum error deviation for cor-
rect phase comparison. The 500 ns delay is required because of the offset used dur-
ing phase limiting. Even when phase limiting is disabled, this delay is included in
both the noise-gated CSYNC* and generated HSYNC* paths. Therefore, it must
be accounted for in the noise-gate stop value (see Figure 3 [a–d]). The earliest pos-
sible noise-gate stop value permits the widest phase-error tracking range. For an
acquisition range greater than one half the minimum equalization pulse width
(
±2.3 µs or 3.6 percent of nominal RS170A), the noise gate should be set transpar-
ent by programming a start value greater than HCOUNT and a stop value less than
HCOUNT until lock is verified in the active field. The status registers can be mon-
itored to verify lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com