Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 31Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 32Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 33Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 34Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 35Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 36Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 37Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 38Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Brooktree®
29
L261_H
INTERNAL REGISTERS
CLAMP Start and Stop Registers
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
CLAMP Start and Stop Registers
These two 16-bit registers specify the horizontal count (in pixel clocks) at which to assert and negate the CLAMP out-
put. The [start value] specifies the number of CLOCK cycles after the falling edge of noise-gated CSYNC* that
CLAMP is set high. The [stop value] specifies the number of CLOCK cycles after the falling edge of noise-gated
CSYNC* that CLAMP is set low. If [start value] = [stop value], CLAMP will remain a constant logical one. Values
from $0000 (1) to $0FFF (4096) may be specified. There is a 3-pixel-clock pipeline delay in clearing the horizontal
counter when the part is used in phase-lock loop mode. When the pixel clock is generated by dividing down an ex-
ternal oscillator, this delay is in oscillator clocks. Thus, output of this signal with respect to CSYNC* may be delayed.
D4–D7 of CLAMP start high are ignored during MPU write cycles and return a logical zero during MPU read cy-
cles. The 16-bit CLAMP start register is not updated until the write cycle to the CLAMP start high register. Thus, the
writing sequence should be [clamp start low] [clamp start high].
D4–D7 of CLAMP stop high are ignored during MPU write cycles and return a logical zero during MPU read cy-
cles. The 16-bit CLAMP stop register is not updated until the write cycle to the CLAMP stop high register. Thus, the
writing sequence should be [clamp stop low] [clamp stop high].
A value corresponding to 1
µs after the falling edge of CSYNC* is recommended for the [start] value, and a value
of 1
µs before the rising edge of CSYNC* is recommended for the [stop] value if DC restoration is to occur during
the horizontal sync interval. If DC restoration is to occur during the back porch interval, a value corresponding to 500
ns after the rising edge of CSYNC* is recommended for the [start] value and a value corresponding to 2.5
µs after the
rising edge of CSYNC* is recommended for the [stop] value. For restoration of signals with subcarrier-encoded
NTSC or PAL, the 7.8–9.4
µs interval (12–15 percent of HCOUNT) following the color burst may be better for
clamping a luminance signal with residual burst.
CLAMP Start/Stop High
CLAMP Start/Stop Low
Data Bit
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Cascaded Value
H11
H19
H9
H8
H7
H6
H5
H4
H3
H2
H1
H0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com