Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 40Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 41Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 42Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 47Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Bt261
30MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
38
APPLICATION INFORMATION
Interfacing to the Bt252
L261_H
Interfacing to the Bt252
Figure 12 illustrates the interface of the Bt261 to the Bt252 Image Digitizer. The
VIDEO input of the Bt261 connects directly to the CSYNC* output of the Bt252.
As CSYNC* is a TTL-compatible output, the highest sync slicing level should be
selected on the Bt261.
The Bt261 provides the ZERO and CLAMP signals required by the Bt252, in
addition to the CLOCK.
The HSYNC, VSYNC*, FIELD, and CAPTURE signals of the Bt261 interface
to the video timing controller and video DRAM controller.
Figure 12. Interfacing to the Bt252
VIDEO
ZERO CLAMP CLOCK
CSYNC* ZERO CLAMP CLOCK
Bt252
Bt261
HSYNC
VSYNC*
FIELD
CAPTURE
To Video Timing
Controller And
DRAM Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com