Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 7Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 9Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 11Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 12Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 13Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 14Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Brooktree®
5
CIRCUIT DESCRIPTION
Horizontal Counter
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Horizontal Counter
The rising edge of pixel clock (CLOCK) increments a 12-bit horizontal counter
used to generate horizontal video timing information. The value of the counter is
compared to various registers to determine when signals are to be asserted (set
high) and negated (set low). $000 corresponds to the falling edge of CSYNC*.
When the part is used with an external high-speed oscillator and divided down to
generate the pixel clock, there is no pipeline delay between CSYNC* and count
zero. However, when the part is used in phase locked loop mode with an external
VCO, there is a three-pixel-clock pipeline delay between CSYNC* and count zero.
Horizontal Sync Separation
The Bt261 separates horizontal sync information from CSYNC* by use of the hor-
izontal noise gate register, which derives gated composite sync by removing equal-
ization and serration pulses at half-line intervals.
Two 12-bit noise gate start and stop registers specify at what horizontal count
(with pixel clock resolution) to respectively ignore or accept falling sync transi-
tions on CSYNC*.
The sync noise gating is provided to filter incorrect horizontal sync information
from noisy video signals. The noise gating also serves a second purpose: to filter
serration and equalization pulses at half-line intervals from CSYNC* during the
vertical retrace interval. This enables steady synchronization of horizontal sync in-
formation during vertical retrace intervals.
HSYNC Input/Output
The HSYNC output may be programmed to be either active high or active low.
The start value sets the rising edge and the stop value sets the falling edge of
HSYNC relative to count zero of the horizontal counter. The beginning or falling
edge of HSYNC is typically programmed to be coincident with the beginning of
the noise-gated CSYNC*.
The HSYNC output may be three-stated via the command register.
HSYNC may also be configured as an input, enabling external circuitry to generate
HSYNC and drive the phase comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com