Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 9Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 11Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 12Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 13Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 14Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 15Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
6
CIRCUIT DESCRIPTION
VSYNC* Output
L261_H
VSYNC* Output
The VSYNC register defines the clock count from the falling edge of nongated
CSYNC* at which point CSYNC* is sampled to determine if the video signal is in
the vertical interval. Since nongated CSYNC is used to start the VSYNC counter,
two samples per horizontal line are taken during the vertical interval because of
equalization and serration pulses.
For each scan line that the sample is a logical zero, the VSYNC* output is a log-
ical zero. Thus, the VSYNC sample register should be programmed so that the
sample occurs well after the end of CSYNC* and before subsequent equaliza-
tion/serration pulses. VSYNC is output on the rising edge of PCLK.
FIELD Output
The FIELD output is derived from the vertical sync information. By positioning
the FIELD gate start/stop values a half-line interval apart, the half-line delay in
vertical sync during the second field's vertical interval can provide a signal to dis-
tinguish the fields.
The FIELD output is clocked by VSYNC*. Therefore, FIELD start and stop
values should not coincide with VSYNC or VSYNC + HCOUNT/2. The FIELD
GATE start and stop values define the clock count, from the beginning of the hor-
izontal counter, at which to set the input to a register high (start value) or low (stop
value). This register is clocked by VSYNC, which occurs half a line later in the
transition from field 1 to field 2. The FIELD start and stop values must be separated
by, approximately, HCOUNT/2, so that opposite states are reported on subsequent
fields. The polarity is such that, with the FIELD GATE start value programmed
less than the stop value, FIELD output is toggled high to indicate the beginning of
field 1 and toggled low to indicate the beginning of field 2. The polarity of the
FIELD pin may be inverted by swapping the start and stop register values.
Figure 1 illustrates the operation of the FIELD gate and FIELD output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com