Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 25Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 26Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 27Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 28Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 29Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 30Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 31Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 32Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Brooktree®
23
L261_H
INTERNAL REGISTERS
Command Register_2
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Command Register_2
This command register may be written to or read by the MPU at any time and is not initialized. CR20 corresponds to D0
and is the least significant bit.
CR27, CR24
Phase lock pixel count
(0001) 2 clock cycles
(1111) 16 clock cycles
These bits specify the maximum number of pixel clock
cycles between the falling edge of noise-gated
CSYNC* and the HSYNC signal (either internally or
externally generated) to be considered locked.
If the number of pixel clock cycles between the falling
edge of noise-gated CSYNC* and the HSYNC signal
exceed this value, lock is considered to be lost for that
scan line, and the lock loss status bit (SR00) is set to
a logical zero.
CR23
Pixel clock mask enable
(0)
continuous pixel clock
(1)
stop pixel clock at HCOUNT
If this bit is a logical one, the CLOCK output is
stopped in the logical one state when the horizontal
counter reaches the HCOUNT value. This ensures a
minimum pulse width when the noise-gated CSYNC*
signal is asynchronously sampled. If it is a logical
zero, the CLOCK output will continuously clock (if
command bit CR16 is a logical zero).
This bit is
ignored if an external pixel clock is driving the CLOCK
pin (command bit CR16 is a logical one).
CR22
Lock override
(1)
normal operation
(0)
tell phase comparator it's locked
If the Bt261 goes out of lock, the phase limiter is auto-
matically disabled until it is back in lock. If this bit is a
logical zero, this function is overridden.
CR21, CR20
Pixel clock select
(00)
OSC inputs
(01)
external pixel clock
(10)
OSC drives CLOCK direct
(11)
reserved
These bits specify whether to use the OSC-generated
pixel clock or an external pixel clock (driving the
CLOCK pin) to clock internal counters.
In mode (00), the selected OSC input(s) is divided
down by the OSC count registers to generate the
pixel clock (CLOCK).
If mode (01) is selected, an external pixel clock must
drive the CLOCK pin and one of the OSC inputs.
Command bit CR16 must be a logical one.
If mode (10) is selected, the OSC clock is output
directly onto the CLOCK pin. The OSC count low and
high registers are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com