Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 27Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 28Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 29Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 30Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 31Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 32Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 33Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 34Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Brooktree®
25
L261_H
INTERNAL REGISTERS
Status Register
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Status Register
This status register may be read by the MPU at any time and is not initialized. MPU write cycles to this register are
ignored. SR00 corresponds to D0 and is the least significant bit.
SR00
Lock-loss status (pixel count related)
(0)
lock loss detected
(1)
reset or no lock loss
This bit reset if loss of lock is indicated. “Loss of lock” is
defined as a greater phase error between noise-gated
CSYNC* and generated HSYNC* than the phase-lock
pixel count (CR27–CR24). It is reset by writing to com-
mand bit CR12.
SR05
Lock-loss bit (line-count related)
(1)
lock loss detected
(0)
lock detected for at least
line-count number of lines
This bit is set if one line of video has a phase error
between generated HSYNC and noise-gated CSYNC*
greater than that defined by the phase-lock pixel count
(CR24–CR27). This bit is reset if there have been
phase-lock line count (CR37–CR30) consecutive lines
with error less than that defined in the phase-lock pixel
count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com