Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 6Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 7Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 9Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 11Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 12Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 13Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
4
CIRCUIT DESCRIPTION
Video Input / Sync Detector
L261_H
Video Input / Sync Detector
Either an AC-coupled video signal or a DC-coupled TTL-compatible composite
sync signal may be input via the VIDEO input pin (negative-going sync polarity).
When AC coupled, the clamping circuitry attempts to force the VIDEO pin voltage
during sync tips to VCC/2.
Command register_0 specifies the threshold above the sync tip to use for sync
detection. If the sync tip on VIDEO is below the selected threshold, composite
sync information is detected and output onto CSYNC* with no pipeline delay and
asynchronous to the pixel clock.
Typically, the VIDEO input will be connected to the TTL-compatible CSYNC*
output of the Bt252/254 Image Digitizer, and the highest sync slicing level will be
selected.
$0D
CLAMP start high register
$0E
CLAMP stop low register
$0F
CLAMP stop high register
$10
ZERO start low register
$11
ZERO start high register
$12
ZERO stop low register
$13
ZERO stop high register
$14
FIELD gate start low register
$15
FIELD gate start high register
$16
FIELD gate stop low register
$17
FIELD gate stop high register
$18
noise gate start low register
$19
noise gate start high register
$1A
noise gate stop low register
$1B
noise gate stop high register
$1C
HCOUNT low register
$1D
HCOUNT high register
$1E
reserved
$1F
reserved
Table 1. Internal Register Addressing
ADDRO - ADDR4
Addressed by MPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com