Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 22Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 23Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 25Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 26Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 27Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 28Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Brooktree®
19
CIRCUIT DESCRIPTION
Pin Descriptions
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
WR*
Write control input (TTL compatible). If WR* is a logical zero, data is written into the device
via D0–D7. Data is latched on the rising edge of WR*. RD* and WR* should not be
asserted simultaneously.
D0–D7
Bidirectional data bus (TTL compatible). MPU data is transferred into and out of the device
over this 8-bit data bus. If RD* is a logical one, D0–D7 are three-stated.
AO
Address control inputs (TTL compatible). A0 specifies whether the MPU is accessing the
address register (A0 = 0) or the control register specified by the address register (A0 = 1).
VCC
Power.
GND
Ground.
Table 2. Pin Descriptions Grouped By Pin Function
Pin Name
Description
Figure 8. Bt261 Pinout Diagram
D0
D1
D2
D3
D4
D5
D6
26
27
28
1
2
3
4
18
17
16
15
14
13
12
OSC1
OSC1*
VSYNC*
FIELD
CAPTURE
CSYNC*
VIDEO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com