Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 25Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 26Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 27Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 28Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 29Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 30Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 31Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Brooktree®
22
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
INTERNAL REGISTERS
Command Register_1
Command Register_1
This command register may be written to or read by the MPU at any time and is not initialized. CR10 corresponds
to D0 and is the least significant bit.
CR17
Interlaced or noninterlaced select
(0)
noninterlaced operation
(1)
interlaced operation
This bit specifies whether an interlaced or noninterlaced video
signal is being digitized. The MPU must write a logical zero fol-
lowed by a logical one to this bit to reset the status bit (SR00)
to a logical one.
CR16
CLOCK output disable
(0)
drive CLOCK output
(1)
three-state CLOCK out-
put
This bit specifies whether the CLOCK pin is three-stated (logi-
cal one) or is actively driven (logical zero).
A logical one
enables an external pixel clock to drive the internal counters.
CR15
CSYNC* output disable
(0)
drive CSYNC* output
(1)
three-state CSYNC* out-
put
This bit specifies whether the CSYNC* output is three-stated
(logical one) or is actively driven (logical zero).
CR14
VSYNC* output disable
(0)
drive VSYNC* output
(1)
three-state VSYNC* out-
put
This bit specifies whether the VSYNC* output is three-stated
(logical one) or is actively driven (logical zero).
CR13
HSYNC output disable
(0)
drive HSYNC output
(1)
three-state HSYNC out-
put
This bit specifies whether the HSYNC output is three-stated
(logical one) or is actively driven with the internally generated
HSYNC signal (logical zero). If external circuitry is driving the
HSYNC pin, this bit must be set to a logical one.
CR12
Reset lock loss status bit
(0)
set status bit SR00
(1)
inactive
This bit sets SR00, which is used to indicate loss of lock. The
MPU must write a logical zero to this bit to restart the process.
CR11
Phase comparator input select
(0)
HSYNC pin
(1)
internally generated
HSYNC
One input to the phase comparator is recovered composite
sync. The other input to the phase comparator is specified by
this bit to be either the internally generated HSYNC or the
HSYNC pin. When an external source is driving the HSYNC
pin, this bit should be set to a logical zero.
CR10
Phase limit enable
(0)
inhibit phase limiting
(1)
enable phase limiting
If this bit is a logical one, both horizontal sync signals (recov-
ered and either internally or externally generated) must be
present to adjust the VCO frequency. If one is missing, the
VCO frequency is not adjusted. If this bit is a logical zero, a
missing horizontal sync signal will adjust the VCO frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com