Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 41Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 42Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 47Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 48Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Brooktree®
39
APPLICATION INFORMATION
Interfacing to the Bt254
L261_H
Bt261
30MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Interfacing to the Bt254
Figure 13 illustrates the interface of the Bt261 to the Bt254 Image Digitizer. The
VIDEO input of the Bt261 connects directly to the CSYNC* output of the Bt254.
As CSYNC* is a TTL-compatible output, the highest sync slicing level should be
selected on the Bt261.
The Bt261 provides the ZERO and CLAMP signals required by the Bt254, in
addition to the (R,G,B) CLOCK inputs of the Bt254.
The HSYNC, VSYNC*, FIELD, and CAPTURE signals of the Bt261 interface to
the video timing controller and video DRAM controller.
ESD and Latchup Considerations
Correct ESD-sensitive handling procedures are required to prevent device damage,
which can produce symptoms of catastrophic failure or erratic device behavior
with somewhat "leaky" inputs.
Latchup can be prevented by ensuring that all VCC pins are at the same poten-
tial and that the VCC supply voltage is applied before the signal pin voltages. The
correct power-up sequence ensures that any signal pin voltage will never exceed
the power supply voltage by more than +0.5 V.
Figure 13. Interfacing to the Bt254
VIDEO
ZERO
CLAMP CLOCK
CSYNC*
ZERO
CLAMP RCLOCK GCLOCK
BCLOCK
Bt254
Bt261
HSYNC
VSYNC*
FIELD
CAPTURE
To Video Timing
Controller And
DRAM Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com