Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 38Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 39Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 40Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 41Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 42Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Bt261
30MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
36
APPLICATION INFORMATION
Phase Locking With the 74HC4046
L261_H
Figure 10. Operation of the Bt261 with the 74HC4046A
Table 4. Operation on the Bt261 with the 74HC4046A
Tracking
Range
Oscilla-
tor
Jitter
R1
R2
R3
R4
R5
C1
C2
C3
Wn
Damp-
ing (3)
9–18 MHz
<40 ns
3.9 k
Ω
10 k
Ω 470 Ω
86
Ω
500 k
Ω
100 pF
10
µF1 µF
290 Hz
0.74
17–26 MHz
<40 ns
3.9 k
Ω
10 k
Ω 470 Ω
86
Ω
500 k
Ω
40 pF
10
µF1 µF
290 Hz
0.74
±200 ppm
of crystal
center
frequency
<10 ns
46 k
Ω
46 k
Ω 470 Ω 290 Ω
500 k
Ω≤10
MHz
Reso-
nant
Crystal
3.3 nF
300 pF
290 Hz
0.74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com