Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 33Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 34Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 35Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 36Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 37Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 38Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 39Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 40Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Brooktree®
31
L261_H
INTERNAL REGISTERS
FIELD Gate Start and Stop Registers
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
FIELD Gate Start and Stop Registers
These two 16-bit registers specify the number of pixel clock cycles after the falling edge of noise-gated CSYNC* at
which to start and stop the FIELD gate "window." With the noise gate properly programmed to ignore half-line ver-
tical interval pulses, the VSYNC* transition will occur half a line later during the vertical sync interval between fields
one and two (assuming a typical 2:1 interlaced video signal). By programming the FIELD start and stop values to
have an interval exceeding half a line (e.g. starting at 1/4 line time and stopping at 3/4 line time), the FIELD output
is low during field one if [start value] < [stop value] or high during field one if [start value] > [stop value], with tran-
sitions at every falling edge of VSYNC*. If [start value] = [stop value], FIELD will remain a constant logical one.
Values from $0000 (1) to $0FFF (4096) may be specified. Field edge coincides with VSYNC* falling edge.
D4–D7 of FIELD gate start high are ignored during MPU write cycles and return a logical zero during MPU read
cycles. The 16-bit FIELD gate start register is not updated until the write cycle to the FIELD gate start high register.
Thus, the writing sequence should be [field gate start low] [field gate start high].
D4–D7 of FIELD gate stop high are ignored during MPU write cycles and return a logical zero during MPU read
cycles. The 16-bit FIELD gate stop register is not updated until the write cycle to the FIELD gate stop high register.
Thus, the writing sequence should be [field gate stop low] [field gate stop high].
Values of one fourth HCOUNT and three fourths HCOUNT are recommended for start and stop values, resulting
in an active high FIELD output (field one = 1, field two = 0).
FIELD Gate Start/Stop
High
FIELD Gate Start/Stop Low
Data Bit
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Cascaded Value
H11
H19
H9
H8
H7
H6
H5
H4
H3
H2
H1
H0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com