Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 47Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 48Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 49Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 50Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Brooktree®
41
L261_H
PARAMETRIC
INFORMATION
DC Electrical Parameters
Table 5. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
Ambient Operating Temperature
VCC
TA
4.75
0
5.00
5.25
+70
V
°C
Video Input
DC-coupled
AC-coupled (1)
0.2
5
2
V
Vpp
Table 6. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
VCC (measured to GND)
Voltage on any Signal Pin (1)
Ambient Operating Temperature
Storage Temperature
Junction Temperature
Vapor Phase Soldering
(1 minute)
TA
TS
TJ
TVSOL
GND–0.5
–55
–65
7.0
VCC + 0.5
+ 125
+ 150
+ 150
220
V
V
°C
°C
°C
°C
Notes: (1). Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of the device at these or any other conditions above
those listed in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. This device employs high impedance CMOS devices on all signal pins. It should be handled as an ESD-sen-
sitive device. Voltage on any signal pin that exceeds the power supply voltage by more than +0.5 V can in-
duce destructive latchup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com