Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 30Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 31Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 32Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 33Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 34Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 35Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 36Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 37Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Brooktree®
28
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
INTERNAL REGISTERS
HSYNC Start and Stop Registers
HSYNC Start and Stop Registers
These two 16-bit registers specify the number of pixel clock cycles after the falling edge of noise-gated CSYNC* at
which to assert or negate the HSYNC output. The [start value] specifies the number of CLOCK cycles after the falling
edge of noise-gated CSYNC* that the HSYNC output is set high. The [stop value] specifies the number of CLOCK
cycles after the falling edge of noise-gated CSYNC* that the HSYNC output is set low. If [start value] = [stop value],
HSYNC will remain a constant logical one. Values from $0000 (1) to $0FFF (4096) may be specified. Note that there
is a variable pipeline delay between the CSYNC* and HSYNC outputs. There is a 3-pixel-clock pipeline delay in
clearing the horizontal counter when the part is used in phase-lock loop mode. When the pixel clock is generated by
dividing down an external oscillator, this delay is in oscillator clocks. Thus, output of this signal with respect to
CSYNC* may be delayed.
D4–D7 of HSYNC start high are ignored during MPU write cycles and return a logical zero during MPU read cy-
cles. The 16-bit HSYNC start register is not updated until the write cycle to the HSYNC start high register. Thus, the
writing sequence should be [HSYNC start low] [HSYNC start high].
D4–D7 of HSYNC stop high are ignored during MPU write cycles and return a logical zero during MPU read cy-
cles. The 16-bit HSYNC stop register is not updated until the write cycle to the HSYNC stop high register. Thus, the
writing sequence should be [HSYNC stop low] [HSYNC stop high].
HSYNC Start/Stop High
HSYNC Start/Stop Low
Data Bit
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Cascaded Value
H11
H19
H9
H8
H7
H6
H5
H4
H3
H2
H1
H0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com