Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 13Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 14Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 15Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 16Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 17Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 18Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Brooktree®
11
CIRCUIT DESCRIPTION
Two Forms of Noise Gating Available
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
A second analog noise gate is activated through the phase-limit feature. This
function limits the duration of phase correction to about 500 ns per coincidence of
noise-gated CSYNC* and generated HSYNC. The Phase Frequency Detector
(PFD) makes its comparison about 500 ns after each falling transition of either
HSYNC or CSYNC*. However, with phase limiting enabled, the comparison oc-
curs only for a 500 ns interval while both signals are low. Thus, by limiting phase
comparison to a 500 ns window, transitions at half-line intervals are not detected.
The phase truncation that occurs when this feature is used limits the instantaneous
phase-error impulse to about 500 ns that the loop can track. This may not be ade-
quate for some video signal sources, such as heterodyne VCRs (without time-base
correction) or electronic still photography (e.g., floppy disk) cameras. If the Bt261
is programmed to permanently phase limit (CR22 set low), the phase-comparison
duty is only ~0.8 percent and loop settling time is prolonged dramatically.
Figure 3, Figure 4, and Figure 5 are block diagrams and examples demonstrating
noise gating and phase limiting.
Both forms of noise gate can be used together for maximum acquisition range
with phase-error impulse tracking up to ~3.6 percent of the line rate (the maximum
depends upon the minimum width of serration pulses). For an acquisition range
that exceeds
±2.3 µs, the digital noise gate must be set transparent by temporarily
setting noise-gate start value greater than HCOUNT with a stop value less than
HCOUNT. Acquisition can then be automatic and the phase-limit feature (CR10 =
CR22 = 1) can be used with phase-lock pixel count (CR27–CR24) programmed
for less than 500 ns and the phase-lock line count (CR37–CR30) programmed for
less than the field line count, minus the closed-loop settling time. When phase lock
is verified (by strobing CR10 low and reading back SR0 = 1 or monitoring SR05),
the digital noise-gate can be reactivated by restoring the noise-gate start value to
less than HCOUNT/2. When the digital noise gate is active, the phase-limit feature
should be disabled for maximum phase-error tracking range (determined by the
phase-lock loop’s closed-loop impulse response, but limited by one-half minimum
serration pulse or noise-gate width). If instantaneous phase errors exceed
phase-lock pixel count, the status register SR00 bit is forced to zero, even though
the loop may be tracking the phase-error impulses. Since large phase errors usually
occur in the vertical blanking interval, it is prudent to reset and monitor the lock
status bit after the phase-lock line count has expired in the active field. A consistent
zero in SR00 would dictate restarting the acquisition sequence outlined above to
maintain phase lock. Similarly, SR05 may be monitored to determine locking sta-
tus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com