Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 32Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 33Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 34Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 35Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 36Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 37Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 38Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 39Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Brooktree®
30
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
INTERNAL REGISTERS
CLAMP Start and Stop Registers
ZERO Start and Stop Registers
These two 16-bit registers specify the number of pixel clock cycles after the falling edge of noise-gated CSYNC* at
which to assert or negate the ZERO output. The [start value] sets this output high at the specified number of CLOCK
cycles following the falling edge of noise-gated CSYNC*. The [stop value] sets this output low at the specified num-
ber of CLOCK cycles following the falling edge of noise-gated CSYNC*. If [start value] = [stop value], ZERO will
remain a constant logical one. Values from $0000 (1) to $0FFF (4096) may be specified. There is a 3-pixel-clock
pipeline delay in clearing the horizontal counter when the part is used in phase-lock loop mode. When the pixel clock
is generated by dividing down an external oscillator, this delay is in oscillator clocks. Thus, output of this signal with
respect to CSYNC* may be delayed.
D4–D7 of ZERO start high are ignored during MPU write cycles and return a logical zero during MPU read cycles.
The 16-bit ZERO start register is not updated until the write cycle to the ZERO start high register. Thus, the writing
sequence should be [zero start low] [zero start high].
D4–D7 of ZERO stop high are ignored during MPU write cycles and return a logical zero during MPU read cycles.
The 16-bit ZERO stop register is not updated until the write cycle to the ZERO stop high register. Thus, the writing
sequence should be [zero stop low] [zero stop high].
Since an active high signal is need for the Bt218, Bt252, and Bt254 during non-acquisition intervals, the ZERO
output can be programmed to be within the horizontal retrace interval. In addition, these devices produce a significant
impulse on their video input following the zero pulse, which can affect clamping stability. So, the pulse is best posi-
tioned within the active CLAMP pulse to divert this energy. Both CLAMP and ZERO pins may be driven with the
same timing.
ZERO Start/Stop High
ZERO Start/Stop Low
Data Bit
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Cascaded Value
H11
H19
H9
H8
H7
H6
H5
H4
H3
H2
H1
H0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com