Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 39Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 40Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 41Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 42Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Brooktree®
37
APPLICATION INFORMATION
Interfacing to the Bt218
L261_H
Bt261
30MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Interfacing to the Bt218
Figure 11 illustrates the interface of the Bt261 to the Bt218 Flash A/D Converter.
The VIDEO input of the Bt261 connects to the VIN input of the Bt218 through a
1
µF ceramic capacitor. The sync slicing level of the Bt261 should be selected for
optimum performance.
The Bt261 provides the ZERO and CLAMP signals required by the Bt218, in
addition to the CLOCK.
The HSYNC, VSYNC*, FIELD, and CAPTURE signals of the Bt261 interface
to the video timing controller and video DRAM controller.
Figure 11. Interfacing the Bt218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com