Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 11Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 12Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 13Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 14Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 15Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 16Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 17Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
8
CIRCUIT DESCRIPTION
CLAMP and ZERO Outputs
L261_H
CLAMP and ZERO Outputs
The CLAMP and ZERO outputs are provided to control the clamping and zero tim-
ing of the A/D converter or Image Digitizer. The start and stop timing is program-
mable by the MPU (in pixel clock cycles). ZERO is used to autocalibrate the
comparators of the A/D converter or Image Digitizer. CLAMP is used to DC-re-
store the video signal. Both CLAMP and ZERO may be programmed to be either
active high or active low.
Capture Output
The Bt261 outputs a CAPTURE signal, which is a command register bit (CR05)
synchronized to the vertical sync or FIELD signals.
To capture a single frame of video in an interlaced system, the MPU resets the
capture bit (CR5) low, then sets it high before the next rising edge of field. At the
rising edge of FIELD, the CAPTURE output will be set to a logical zero until the
next rising edge of FIELD (one frame time), when the CAPTURE output is set
high.
In a non-interlaced system, the MPU resets the capture bit (CR5) low, then sets
it high before the falling edge of VSYNC*. When the falling edge of VSYNC* oc-
curs, the capture output will be set high until the next falling edge of VSYNC*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com