Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 22Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 23Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 25Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 26Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 27Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
18
CIRCUIT DESCRIPTION
Pin Descriptions
L261_H
Table 2. Pin Descriptions Grouped By Pin Function
Pin Name
Description
HSYNC
Horizontal sync input/output (TTL compatible). As an output, HSYNC is programmed to be
either a logical zero or logical one during the desired horizontal sync interval. It is output fol-
lowing the rising edge of CLOCK. As an input, it is input into the phase comparator asyn-
chronously to the clocks with no pipeline delays.
VSYNC*
Vertical sync output (TTL compatible) with a negative composite sync output. VSYNC* is a
logical zero for scan lines during detected vertical sync intervals on the VIDEO input. It is
output following the rising edge of CLOCK.
CSYNC*
Composite sync output (TTL compatible). CSYNC* is a logical zero during negative com-
posite sync intervals detected on the VIDEO input. It is output asynchronous to the clocks
with no pipeline delays.
ZERO
Zero output (TTL compatible). This output is used to control the ZERO input of the image
digitizer or A/D converter. It may be programmed to be either active high or active low and is
output following the rising edge of CLOCK.
CLAMP
Clamp output (TTL compatible). This output is used to control the CLAMP input of the
image digitizer or A/D converter. It may be programmed to be either active high or active low
and is output following the rising edge of CLOCK.
FIELD
Even/odd field output (TTL compatible). For interlaced operation, this output (with transi-
tions coincident with the VSYNC* output) indicates whether the current field is even or odd;
the polarity is programmable. For noninterlaced operation, this output is always either a log-
ical one or a logical zero, depending on whether it is programmed to be active high or low. It
is output on the falling edge of VSYNC*.
PCOUT
Phase comparator output (TTL compatible). This three-state output indicates the phase dif-
ference in time between the generated horizontal sync signal (either the internally generated
HSYNC or the HSYNC pin) and the recovered horizontal sync signal. High = lags, Low =
leads.
VIDEO
Video and composite sync input. Either a DC-coupled TTL composite sync information or
an AC-coupled analog video signal (less than 2 V peak-to-peak) may be input via this pin for
detection of sync information. Sync information must be of negative polarity.
CLOCK
Pixel clock input/output (TTL compatible). The device may either drive this pin with a gener-
ated clock or an external pixel clock may drive this pin. When the CLOCK pin is externally
driven, the selected OSC pin must also be driven.
OSC1, OSC1*,
OSC2, OSC2*
External clock inputs (TTL or ECL compatible). These inputs are programmed to be either
TTL or ECL compatible (10KH differential ECL driven by a single +5 V supply).
CAPTURE
Active video output (TTL compatible). This output is active high for a frame duration and is
synchronized to the vertical sync interval and FIELD signal. It is output following the rising
edge of FIELD for interlaced, or the falling edge of VSYNC* if non-interlaced.
RD*
Read control input (TTL compatible). If RD* is a logical zero, data is output onto D0–D7.
RD* and WR* should not be asserted simultaneously.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com